Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5402RL Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1N5402RL
Description  Axial?묹ead Standard Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5402RL Datasheet(HTML) 4 Page - ON Semiconductor

  1N5402RL Datasheet HTML 1Page - ON Semiconductor 1N5402RL Datasheet HTML 2Page - ON Semiconductor 1N5402RL Datasheet HTML 3Page - ON Semiconductor 1N5402RL Datasheet HTML 4Page - ON Semiconductor 1N5402RL Datasheet HTML 5Page - ON Semiconductor 1N5402RL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N5400 thru 1N5408
http://onsemi.com
4
Figure 1. Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.8
2.0
1.2
2.8
0.3
1.0
3.0
2.0
20
10
0.2
200
70
30
5.0
50
0.5
Figure 2. Maximum Nonrepetitive Surge Current
Figure 3. Current Derating Various Lead Lengths
7.0
100
0.7
TJ = 25°C
0.4
1.6
2.4
400
200
300
40
1.0
NUMBER OF CYCLES
50
60
70
80
90
100
2.0 3.0
5.0
10
3.2
Figure 4. Current Derating PC Board Mounting
7.0
20
30
50 70 100
40
60
80
100
120
140
160
180
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
40
60
80
100
120
140
160
180
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
RqJA = 50°C/W
RqJA = 28°C/W
I(PK)
I(AV)
=
π
Note for Resistive Load
5.0
10
20
TA, AMBIENT TEMPERATURE (°C)
I(PK)
I(AV)
=
π
Capacitive Loads
Surge Applied
at Rated Load
Conditions
f = 60Hz
1 CYCLE
Resistive Load
Both Leads to Heat
Sink with Lengths
as Shown
1/4”
L = 1/32”
1/2”
TL, LEAD TEMPERATURE (°C)
TYPICAL
Figure 5. Forward Power Dissipation
3
456
7
8
9
10
16
14
12
10
8
6
4
2
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
01
2
IPK/IAV = 20
dc
TJ = 25°C
Square
Wave
5
10


Similar Part No. - 1N5402RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5402RL ONSEMI-1N5402RL Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N5402RLG ONSEMI-1N5402RLG Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
More results

Similar Description - 1N5402RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N4937 ONSEMI-1N4937 Datasheet
48Kb / 4P
   Axial?묹ead Fast?뭃ecovery Rectifiers
July, 2006 ??Rev. 12
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_05 Datasheet
45Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
NTE Electronics
NTE5800 NTE-NTE5800 Datasheet
17Kb / 2P
   Axial Lead Standard Recovery Silicon Rectifiers, 3 Amp
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com