Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM25MD-24H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM25MD-24H
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM25MD-24H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM25MD-24H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM25MD-24H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM25MD-24H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM25MD-24H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM25MD-24H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
MITSUBISHI IGBT MODULES
CM25MD-24H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
MAXIMUM RATINGS (Tj = 25
°C)
INVERTER PART
BRAKE PART
CONVERTER PART
COMMON RATING
Collector-emitter voltage
Gate-emitter voltage
Collector Current
Emitter Current
Maximum collector dissipation
1200
±20
25
50
25
50
104
G – E Short
C – E Short
TC = 25
°C
PULSE
(Note. 2)
TC = 25
°C
PULSE
(Note. 2)
Tf = 25
°C
Symbol
Parameter
Condition
Unit
Rating
V
V
A
A
A
A
W
VCES
VGES
IC
ICM
IE (Note. 1)
IEM (Note. 1)
PC (Note. 3)
Repetitive peak reverse voltage
Recommended AC input voltage
DC output current
Surge (non-repetitive) forward current
I2t for fusing
1600
440
25
250
260
3
φ rectifying circuit
1 cycle at 60Hz, peak value Non-repetitive
Value for one cycle of surge current
Symbol
Parameter
Condition
Unit
Rating
V
V
A
A
A2s
VRRM
Ea
IO
IFSM
I2t
Collector-emitter voltage
Gate-emitter voltage
Collector Current
Maximum Collector dissipation
Repetitive peak reverse voltage
Forward current
1200
±20
25
50
104
1200
25
G – E Short
C – E Short
TC = 25
°C
PULSE
(Note. 2)
Tf = 25
°C
Clamp diode part
Clamp diode part
Symbol
VCES
VGES
IC
ICM
PC (Note. 3)
VRRM
IFM (Note. 3)
Parameter
Condition
Unit
Rating
V
V
A
A
W
V
A
Tj
Tstg
Viso
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
–40 ~ +150
–40 ~ +125
2500
0.98 ~1.47
100
AC 1 min.
Mounting M4 screw
Typical value
Symbol
Parameter
Condition
Unit
Rating
°C
°C
V
N . m
g


Similar Part No. - CM25MD-24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM25MD-24H POWEREX-CM25MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 25 Amperes/1200 Volts
More results

Similar Description - CM25MD-24H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com