Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5132 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5132
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5132 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5132 Datasheet HTML 1Page - Texas Instruments TAS5132 Datasheet HTML 2Page - Texas Instruments TAS5132 Datasheet HTML 3Page - Texas Instruments TAS5132 Datasheet HTML 4Page - Texas Instruments TAS5132 Datasheet HTML 5Page - Texas Instruments TAS5132 Datasheet HTML 6Page - Texas Instruments TAS5132 Datasheet HTML 7Page - Texas Instruments TAS5132 Datasheet HTML 8Page - Texas Instruments TAS5132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
TAS5132
SLES190 – DECEMBER 2006
Terminal Functions
TERMINAL
FUNCTION (1)
DESCRIPTION
NAME
NO.
AGND
11
P
Analog ground
BST_A
43
P
HS bootstrap supply (BST). External capacitor to OUT_A required.
BST_B
34
P
HS bootstrap supply (BST). External capacitor to OUT_B required.
BST_C
33
P
HS bootstrap supply (BST). External capacitor to OUT_C required.
BST_D
24
P
HS bootstrap supply (BST). External capacitor to OUT_D required.
GND
10
P
Ground
GND_A
38
P
Power ground for half-bridge A
GND_B
37
P
Power ground for half-bridge B
GND_C
30
P
Power ground for half-bridge C
GND_D
29
P
Power ground for half-bridge D
GVDD_A
44
P
Gate-drive voltage supply. Requires 0.1-
µF capacitor to GND.
GVDD_B
1
P
Gate-drive voltage supply. Requires 0.1-
µF capacitor to GND.
GVDD_C
22
P
Gate-drive voltage supply. Requires 0.1-
µF capacitor to GND.
GVDD_D
23
P
Gate-drive voltage supply. Requires 0.1-
µF capacitor to GND.
M1
15
I
Mode selection 1
M2
14
I
Mode selection 2
M3
13
I
Mode selection 3
3, 4, 19, 20,
NC
No connect. Pins may be grounded.
25, 42
OC_ADJ
9
O
Analog overcurrent programming. Requires resistor to ground.
OTW
2
O
Overtemperature warning signal, open drain, active low
OUT_A
39
O
Output, half-bridge A
OUT_B
36
O
Output, half-bridge B
OUT_C
31
O
Output, half-bridge C
OUT_D
28
O
Output, half-bridge D
Power supply input for half-bridge A. Requires close decoupling of 0.1-
µF capacitor
PVDD_A
40, 41
P
to GND_A.
Power supply input for half-bridge B. Requires close decoupling of 0.1-
µF capacitor
PVDD_B
35
P
to GND_B.
Power supply input for half-bridge C. Requires close decoupling of 0.1-
µF capacitor
PVDD_C
32
P
to GND_C.
Power supply input for half-bridge D. Requires close decoupling of 0.1-
µF capacitor
PVDD_D
26, 27
P
to GND_D.
PWM_A
6
I
Input signal for half-bridge A
PWM_B
8
I
Input signal for half-bridge B
PWM_C
16
I
Input signal for half-bridge C
PWM_D
18
I
Input signal for half-bridge D
RESET_AB
7
I
Reset signal for half-bridge A and half-bridge B, active low
RESET_CD
17
I
Reset signal for half-bridge C and half-bridge D, active low
SD
5
O
Shutdown signal, open-drain, active-low
Power supply for digital voltage regulator. Requires 0.1-
µF capacitor in parallel with a
VDD
21
P
10-
µF capacitor to GND.
VREG
12
P
Digital regulator supply filter. Requires 0.1-
µF capacitor to AGND.
(1)
I = input, O = output, P = power
5
Submit Documentation Feedback


Similar Part No. - TAS5132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDV TI-TAS5132DDV Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDV TI-TAS5132DDV Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDVG4 TI-TAS5132DDVG4 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com