Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC08PWG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC08PWG4
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC08PWG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC08PWG4 Datasheet HTML 1Page - Texas Instruments SN74HC08PWG4 Datasheet HTML 2Page - Texas Instruments SN74HC08PWG4 Datasheet HTML 3Page - Texas Instruments SN74HC08PWG4 Datasheet HTML 4Page - Texas Instruments SN74HC08PWG4 Datasheet HTML 5Page - Texas Instruments SN74HC08PWG4 Datasheet HTML 6Page - Texas Instruments SN74HC08PWG4 Datasheet HTML 7Page - Texas Instruments SN74HC08PWG4 Datasheet HTML 8Page - Texas Instruments SN74HC08PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
PARAMETER MEASURMENT INFORMATION
NOTES: A. C includesprobeandtest-fixturecapacitance.
B. Phaserelationshipsbetweenwaveformswerechosenarbitrarily. Allinputpulsesaresuppliedbygeneratorshavingthefollowing
characteristics:PRR
1MHz,Z =50
,t =6ns,t =6ns.
C. Theoutputsaremeasuredoneatatimewithoneinputtransitionpermeasurement.
D.t
andt
arethesameast .
L
O
r
f
PLH
PHL
pd
FromOutput
UnderTest
C =50pF
(seeNote A)
L
LOADCIRCUIT
Test
Point
VOLTAGEWAVEFORMS
INPUTRISE ANDFALL TIMES
Input
90%
90%
50%
50%
10%
10%
t
f
t
r
0V
V
CC
VOLTAGEWAVEFORMS
PROPAGATIONDELAY ANDOUTPUTTRANSITIONTIMES
t
PLH
t
PLH
t
PHL
t
PHL
Input
In-Phase
Output
Out-of-Phase
Output
90%
90%
90%
50%
10%
10%
10%
50%
50%
50%
50%
t
f
t
f
t
r
90%
10%
50%
t
r
V
CC
V
OL
V
OH
V
OH
0V
V
OL
SN54HC08, SN74HC08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCLS081F – DECEMBER 1982 – REVISED JANUARY 2007
Figure 1. Load Circuit and Voltage Waveforms
5
Submit Documentation Feedback


Similar Part No. - SN74HC08PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC08PWG4 TI1-SN74HC08PWG4 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC08 Quadruple 2-Input Positive-AND Gates
More results

Similar Description - SN74HC08PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com