Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5112ADFDG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5112ADFDG4
Description  DIGITAL AMPLIIFIER POWER STAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5112ADFDG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5112ADFDG4 Datasheet HTML 5Page - Texas Instruments TAS5112ADFDG4 Datasheet HTML 6Page - Texas Instruments TAS5112ADFDG4 Datasheet HTML 7Page - Texas Instruments TAS5112ADFDG4 Datasheet HTML 8Page - Texas Instruments TAS5112ADFDG4 Datasheet HTML 9Page - Texas Instruments TAS5112ADFDG4 Datasheet HTML 10Page - Texas Instruments TAS5112ADFDG4 Datasheet HTML 11Page - Texas Instruments TAS5112ADFDG4 Datasheet HTML 12Page - Texas Instruments TAS5112ADFDG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TAS5112A
SLES094A - OCTOBER 2003 - REVISED MARCH 2004
www.ti.com
9
Figure 5
PO - Output Power - W
0
10
20
30
40
50
60
70
80
90
100
0
5
10 15 20 25 30 35 40 45 50 55 60 65
f = 1 kHz
RL = 6 Ω
TC = 75°C
SYSTEM OUTPUT STAGE EFFICIENCY
vs
OUTPUT POWER
Figure 6
PO - Output Power - W
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10 15 20 25 30 35 40 45 50 55 60 65
f = 1 kHz
RL = 6 Ω
TC = 75°C
POWER LOSS
vs
OUTPUT POWER
Figure 7
TC - Case Temperature - °C
40
42
44
46
48
50
52
54
56
58
60
0
20
40
60
80
100
120
140
PVDD = 29.5 V
RL = 6 Ω
OUTPUT POWER
vs
CASE TEMPERATURE
Channel 1
Channel 2
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
f - Frequency - Hz
10
100
1k
50k
10k
Figure 8
RL = 6 Ω
AMPLITUDE
vs
FREQUENCY
RL = 8 Ω


Similar Part No. - TAS5112ADFDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5112ADFDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5121I TI-TAS5121I Datasheet
391Kb / 18P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5121 TI-TAS5121_07 Datasheet
379Kb / 18P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5111A TI-TAS5111A Datasheet
278Kb / 17P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121 TI-TAS5121 Datasheet
321Kb / 17P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com