Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5950B Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1N5950B
Description  3 W DO??1 Surmetic TM 30 Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5950B Datasheet(HTML) 1 Page - ON Semiconductor

  1N5950B Datasheet HTML 1Page - ON Semiconductor 1N5950B Datasheet HTML 2Page - ON Semiconductor 1N5950B Datasheet HTML 3Page - ON Semiconductor 1N5950B Datasheet HTML 4Page - ON Semiconductor 1N5950B Datasheet HTML 5Page - ON Semiconductor 1N5950B Datasheet HTML 6Page - ON Semiconductor 1N5950B Datasheet HTML 7Page - ON Semiconductor 1N5950B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 5
1
Publication Order Number:
1N5913B/D
1N5913B Series
3 W DO−41 Surmetict 30
Zener Voltage Regulators
This is a complete series of 3 W Zener diodes with limits and
excellent operating characteristics that reflect the superior capabilities
of silicon−oxide passivated junctions. All this in an axial−lead,
transfer−molded plastic package that offers protection in all common
environmental conditions.
Features
Zener Voltage Range − 3.3 V to 200 V
ESD Rating of Class 3 (>16 KV) per Human Body Model
Surge Rating of 98 W @ 1 ms
Maximum Limits Guaranteed on up to Six Electrical Parameters
Package No Larger than the Conventional 1 W Package
Pb−Free Packages are Available
Mechanical Characteristics
CASE:
Void free, transfer−molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
260
°C, 1/16″ from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Max. Steady State Power Dissipation
@ TL = 75°C, Lead Length = 3/8″
Derate above 75
°C
PD
3
24
W
mW/
°C
Steady State Power Dissipation
@ TA = 50°C
Derate above 50
°C
PD
1
6.67
W
mW/
°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to
+200
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
1N59xxB, G
Axial Lead
(Pb−Free)
2000 Units/Box
1N59xxBRL, G
Axial Lead
(Pb−Free)
AXIAL LEAD
CASE 59
PLASTIC
STYLE 1
6000/Tape & Reel
Cathode
Anode
MARKING DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com
A
= Assembly Location
1N59xxB
= Device Number
YY
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
A
1N
59xxB
YYWW
G
G


Similar Part No. - 1N5950B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5950B PANJIT-1N5950B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Central Semiconductor C...
1N5950B CENTRAL-1N5950B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Transys Electronics
1N5950B TRSYS-1N5950B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Frontier Electronics.
1N5950B FRONTIER-1N5950B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
Jinan Gude Electronic D...
1N5950B JGD-1N5950B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5950B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
   3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
   3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com