Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5152DKDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5152DKDR
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5152DKDR Datasheet(HTML) 4 Page - Texas Instruments

  TAS5152DKDR Datasheet HTML 1Page - Texas Instruments TAS5152DKDR Datasheet HTML 2Page - Texas Instruments TAS5152DKDR Datasheet HTML 3Page - Texas Instruments TAS5152DKDR Datasheet HTML 4Page - Texas Instruments TAS5152DKDR Datasheet HTML 5Page - Texas Instruments TAS5152DKDR Datasheet HTML 6Page - Texas Instruments TAS5152DKDR Datasheet HTML 7Page - Texas Instruments TAS5152DKDR Datasheet HTML 8Page - Texas Instruments TAS5152DKDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TAS5152
SLES127A − FEBRUARY 2005 − REVISED NOVEMBER 2005
www.ti.com
4
Terminal Functions
TERMINAL
FUNCTION(1)
DESCRIPTION
NAME
NO.
FUNCTION (1)
DESCRIPTION
AGND
9
P
Analog ground
BST_A
35
P
HS bootstrap supply (BST), external capacitor to OUT_A required
BST_B
28
P
HS bootstrap supply (BST), external capacitor to OUT_B required
BST_C
27
P
HS bootstrap supply (BST), external capacitor to OUT_C required
BST_D
20
P
HS bootstrap supply (BST), external capacitor to OUT_D required
GND
8
P
Ground
GND_A
32
P
Power ground for half-bridge A
GND_B
31
P
Power ground for half-bridge B
GND_C
24
P
Power ground for half-bridge C
GND_D
23
P
Power ground for half-bridge D
GVDD_A
36
P
Gate-drive voltage supply requires 0.1-
µF capacitor to AGND
GVDD_B
1
P
Gate-drive voltage supply requires 0.1-
µF capacitor to AGND
GVDD_C
18
P
Gate-drive voltage supply requires 0.1-
µF capacitor to AGND
GVDD_D
19
P
Gate-drive voltage supply requires 0.1-
µF capacitor to AGND
M1
13
I
Mode selection pin
M2
12
I
Mode selection pin
M3
11
I
Mode selection pin
OC_ADJ
7
O
Analog overcurrent programming pin requires resistor to ground
OTW
2
O
Overtemperature warning signal, open drain, active-low
OUT_A
33
O
Output, half-bridge A
OUT_B
30
O
Output, half-bridge B
OUT_C
25
O
Output, half-bridge C
OUT_D
22
O
Output, half-bridge D
PVDD_A
34
P
Power-supply input for half-bridge A requires close decoupling of 0.1-
µF capacitor to
GND_A
PVDD_B
29
P
Power-supply input for half-bridge B requires close decoupling of 0.1-
µF capacitor to
GND_B
PVDD_C
26
P
Power-supply input for half-bridge C requires close decoupling of 0.1-
µF capacitor to
GND_C
PVDD_D
21
P
Power-supply input for half-bridge D requires close decoupling of 0.1-
µF capacitor to
GND_D
PWM_A
4
I
Input signal for half-bridge A
PWM_B
6
I
Input signal for half-bridge B
PWM_C
14
I
Input signal for half-bridge C
PWM_D
16
I
Input signal for half-bridge D
RESET_AB
5
I
Reset signal for half-bridge A and half-bridge B, active-low
RESET_CD
15
I
Reset signal for half-bridge C and half-bridge D, active-low
SD
3
O
Shutdown signal, open drain, active-low
VDD
17
P
Power supply for digital voltage regulator requires 0.1-
µF capacitor to GND.
VREG
10
P
Digital regulator supply filter pin requires 0.1-
µF capacitor to AGND
(1) I = input, O = Output, P = Power


Similar Part No. - TAS5152DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152DKDR TI-TAS5152DKDR Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5152DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com