Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5162DDVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5162DDVR
Description  2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5162DDVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5162DDVR Datasheet HTML 5Page - Texas Instruments TAS5162DDVR Datasheet HTML 6Page - Texas Instruments TAS5162DDVR Datasheet HTML 7Page - Texas Instruments TAS5162DDVR Datasheet HTML 8Page - Texas Instruments TAS5162DDVR Datasheet HTML 9Page - Texas Instruments TAS5162DDVR Datasheet HTML 10Page - Texas Instruments TAS5162DDVR Datasheet HTML 11Page - Texas Instruments TAS5162DDVR Datasheet HTML 12Page - Texas Instruments TAS5162DDVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
AUDIO SPECIFICATIONS (PBTL)
TAS5162
SLES194B – OCTOBER 2006 – REVISED MARCH 2007
AUDIO SPECIFICATIONS (Single-Ended Output) (continued)
PVDD_X = 50 V, GVDD = VDD = 12 V, SE mode, R
L = 3 Ω, ROC = 22 KΩ, audio frequency = 1 kHz, AES17 filter, FPWM =
384 kHz, case temperature = 75
°C, unless otherwise noted. Audio performance is recorded as a chipset, using TAS5086
PWM processor with an effective modulation index limit of 96.1%. All performance is in accordance with recommended
operating conditions unless otherwise specified.
operating conditions unless otherwise specified.
TAS5162
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 3 Ω, 10% THD, clipped input
105
signal
RL = 4 Ω, 10% THD, clipped input
80
signal
PO
Power output per channel, DKD package
W
RL = 3 Ω, 0 dBFS, unclipped input
80
signal
RL = 4 Ω, 0 dBFS, unclipped input
60
signal
0 dBFS
0.2%
THD+N
Total harmonic distortion + noise
1 W
0.09%
Vn
Output integrated noise
A-weighted
85
µV
SNR
Signal-to-noise ratio(1)
A-weighted
110
dB
A-weighted, input level = –60 dBFS
DNR
Dynamic range
110
dB
using TAS5086 modulator
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0 W, 4 channels switching(2)
2.5
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
PVDD_X = 50 V, GVDD = VDD = 12 V, PBTL mode, R
L = 4Ω, ROC = 22 KΩ, 1/2 of an MBRM5100-13 dual, 5A@100V,
Schottky diode connected from each outptut pin to to ground, audio frequency = 1 kHz, AES17 filter, F
PWM = 384 kHz, case
temperature = 75
°C, unless otherwise noted. Audio performance is recorded as a chipset, using TAS5508 PWM processor
with an effective modulation index limit of 96.1%. All performance is in accordance with recommended operating conditions
unless otherwise specified.
TAS5162
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 4 Ω, 10% THD, clipped input
300
signal
RL = 4 Ω, 0 dBFS, unclipped input
240
signal
PO
Power output per channel, DKD package
W
RL = 3 Ω, 10% THD, clipped input
400
signal
RL = 3 Ω, 0 dBFS, unclipped input
300
signal
0 dBFS
0.2%
THD+N
Total harmonic distortion + noise
1 W
0.09%
Vn
Output integrated noise
A-weighted
140
µV
SNR
Signal-to-noise ratio(1)
A-weighted
102
dB
A-weighted, input level = –60 dBFS
102
using TAS5508 modulator
DNR
Dynamic range
dB
A-weighted, input level = –60 dBFS
110
using TAS5518 modulator
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0 W, 1 channel switching(2)
2.5
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
9
Submit Documentation Feedback


Similar Part No. - TAS5162DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5162DDVR TI-TAS5162DDVR Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162DDVRG4 TI-TAS5162DDVRG4 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5162DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com