Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40812DCE Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL40812DCE
Description  10GHz Fixed Modulus 첨 16
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40812DCE Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL40812DCE Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40812DCE Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40812DCE Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40812DCE Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40812DCE Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40812DCE Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40812DCE Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40812DCE Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40812DCE Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ZL40812
Data Sheet
5
Zarlink Semiconductor Inc.
Note 1:
for an input signal frequency of less than 2GHz, the slew rate of the sinewave signal becomes progressively too slow for the
divider.
† Input sensitivity and output power values assume 50 Ohm source and load impedances
For details of the test set-up, refer to the Application Note for RF Prescalers.
The following graph summarizes the Input and Output Characteristics table:
Figure 4 - Input Sensitivity @ -40, +25, +70 and +85 Deg C
Input and Output Characteristics
Characteristic
Pin
Min.
Typ.
Max.
Units
Conditions
Input sensitivity
2,3
-15
-10
dBm
Tamb = 85C, Fin = 2 to 8 GHz
Input overload
2,3
2
5
dBm
fin = 2 GHz
Input overload
2,3
2
8
dBm
fin = 4 GHz
Input overload
2,3
5
13
dBm
fin = 9 GHz
Input overload
2,3
5
11
dBm
fin = 10 GHz
Input Edge Speed
2,3
900
V/ìs
For <2GHz Operation, see Note 1
Output voltage
6,7
1
Vp-p
Differential Into 50ohm pullup resistors
Output power
6,7
-4
-1
2
dBm
Single-ended output, fin = 2GHz to
10GHz, pwr ip= -10dBm
O/P Duty Cycle
6,7
45
50
55
%
Trise and Tfall
6,7
110
ps
Typical input sensitivity (sinewave drive) @ -40 to +85 Deg C
-40.00
-30.00
-20.00
-10.00
0.00
10.00
20.00
01234
56789
10
11
12
13
Input Frequency (GHz)
85C
70
25C
-40C
MAX (Typ)
GUARANTEED
OPERATING WINDOW
85 Deg C
70 Deg C
25 Deg C
Input frequency extends to DC if the
source has an edgespeed of 900 V/us or less


Similar Part No. - ZL40812DCE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCE ZARLINK-ZL40810DCE Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCF ZARLINK-ZL40810DCF Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40813 ZARLINK-ZL40813 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
More results

Similar Description - ZL40812DCE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
ZL40815 ZARLINK-ZL40815 Datasheet
519Kb / 14P
   10GHz Fixed Modulus DIVIDE 4
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
   3.3GHz 첨 Fixed Modulus Divider
ZL40804 ZARLINK-ZL40804_06 Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
   3.3GHz 첨 2 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
   3.3GHZ 첨 2 Fixed Modulus Divider
SP8803 ZARLINK-SP8803 Datasheet
520Kb / 5P
   3.3GHZ 첨 32 Fixed Modulus Divider
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
   5GHZ 첨 8 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com