Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40812DCF Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL40812DCF
Description  10GHz Fixed Modulus 첨 16
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40812DCF Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL40812DCF Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40812DCF Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40812DCF Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40812DCF Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40812DCF Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40812DCF Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40812DCF Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40812DCF Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL40812DCF Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ZL40812
Data Sheet
7
Zarlink Semiconductor Inc.
The following graph show how the phase noise of the divider output varies with input power.
Figure 7 - ZL40812 Phase Noise vs Input Power
The following graph show how the phase noise of the divider output varies with power supply voltage Vcc.
Figure 8 - ZL40812 Phase Noise vs Vcc
ZL40812: Phase Noise vs Input Power
Vcc = 5.25V, Input Frequency = 5GHz, T = 25 DegC
-160
-155
-150
-145
-140
-10
-5
0
5
Input Power (dBm)
100 Hz
1 KHz
10 KHz
100 KHz
ZL40812: Phase Noise v Vcc
Fin = 5GHz, Pin = 0dBm T = 25 DegC
-160
-155
-150
-145
-140
-135
-130
-125
-120
4.7
4.8
4.9
5
5.1
5.2
5.3
Supply Voltage (V)
100Hz
1kHz
10kHz
100kHz


Similar Part No. - ZL40812DCF

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCE ZARLINK-ZL40810DCE Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40810DCF ZARLINK-ZL40810DCF Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40813 ZARLINK-ZL40813 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
More results

Similar Description - ZL40812DCF

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
ZL40815 ZARLINK-ZL40815 Datasheet
519Kb / 14P
   10GHz Fixed Modulus DIVIDE 4
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
   3.3GHz 첨 Fixed Modulus Divider
ZL40804 ZARLINK-ZL40804_06 Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
   3.3GHz 첨 2 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
   3.3GHZ 첨 2 Fixed Modulus Divider
SP8803 ZARLINK-SP8803 Datasheet
520Kb / 5P
   3.3GHZ 첨 32 Fixed Modulus Divider
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
   5GHZ 첨 8 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com