Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73615DRBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73615DRBT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73615DRBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73615DRBT Datasheet HTML 6Page - Texas Instruments TPS73615DRBT Datasheet HTML 7Page - Texas Instruments TPS73615DRBT Datasheet HTML 8Page - Texas Instruments TPS73615DRBT Datasheet HTML 9Page - Texas Instruments TPS73615DRBT Datasheet HTML 10Page - Texas Instruments TPS73615DRBT Datasheet HTML 11Page - Texas Instruments TPS73615DRBT Datasheet HTML 12Page - Texas Instruments TPS73615DRBT Datasheet HTML 13Page - Texas Instruments TPS73615DRBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
60
55
50
45
40
35
30
25
20
C
FB (F)
10p
100p
1n
10n
V
OUT = 2.5V
C
OUT = 0µF
R
1 = 39.2kΩ
10Hz < Frequency < 100kHz
160
140
120
100
80
60
40
20
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
25
µs/div
200mV/div
200mV/div
V
OUT
V
OUT
I
OUT
400mA
10mA
C
OUT = 0µF
C
FB = 10nF
R
1 = 39.2kΩ
C
OUT = 10µF
5
µs/div
100mV/div
100mV/div
V
OUT
V
OUT
V
IN
4.5V
3.5V
C
OUT = 0µF
V
OUT = 2.5V
C
FB = 10nF
C
OUT = 10µF
TPS736xx
SBVS038N – SEPTEMBER 2003 – REVISED JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
For all voltage versions, at T
J = +25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
TPS73601
TPS73601
RMS NOISE VOLTAGE vs CFB
IFB vs TEMPERATURE
Figure 27.
Figure 28.
TPS73601
TPS73601
LOAD TRANSIENT, ADJUSTABLE VERSION
LINE TRANSIENT, ADJUSTABLE VERSION
Figure 29.
Figure 30.
10
Submit Documentation Feedback


Similar Part No. - TPS73615DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73615DRBT TI-TPS73615DRBT Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73615DRBT TI-TPS73615DRBT Datasheet
641Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator
TPS73615DRBT TI-TPS73615DRBT Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73615DRBT TI-TPS73615DRBT Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73615DRBT TI-TPS73615DRBT Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73615DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com