Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50011QCG1 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL50011QCG1
Description  Flexible 512 Channel DX with on-chip DPLL
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50011QCG1 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL50011QCG1 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50011QCG1 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50011QCG1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50011QCG1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50011QCG1 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50011QCG1 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50011QCG1 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50011QCG1 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50011QCG1 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
ZL50011
Data Sheet
9
Zarlink Semiconductor Inc.
Figure 2 - 24 mm x 24 mm LQFP (JEDEC MS-026) Pinout Diagram
A2
A3
A10
STi0
STi1
STi8
STi9
VSS
NC
STo0
VDD
VDD
STi10
RESET
TDo
VSS
NC
ODE
160 Pin LQFP
135
136
138
140
141
142
143
144
145
127
128
126
129
130
131
132
133
134
146
148
149
150
124
123
122
147
125
121
139
137
151
152
58
57
55
53
52
51
50
49
48
66
65
67
64
63
62
61
60
59
47
45
44
43
69
70
71
46
68
72
54
56
42
41
A5
A6
A7
A8
STi4
STi5
STi6
STi7
STi13
STi14
153
154
156
157
158
155
159
160
74
73
75
77
78
79
76
80
STi12
STi11
A4
STi3
STi2
A9
CKo2
FPo2
STi15
VDD
(Top View)
24 mm x 24 mm
0.5 mm pin pitch
VSS
VSS
VDD
VSS
VDD
VSS
NC
NC
VSS
VDD
STOHZ 11
STOHZ 8
STo11
STo10
STo9
STOHZ 9
STOHZ 10
STo8
VSS
VDD
STOHZ 7
STOHZ 4
STo7
STo6
STo5
STOHZ 5
STOHZ 6
STo4
STOHZ 3
STOHZ 0
STo3
STo2
STOHZ 1
STOHZ 2
NC
NC
NC
STo1
A11
NC
VDD
VDD
JEDEC MS-026


Similar Part No. - ZL50011QCG1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50011 ZARLINK-ZL50011 Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50011/GDC ZARLINK-ZL50011/GDC Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50011/QCC ZARLINK-ZL50011/QCC Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
More results

Similar Description - ZL50011QCG1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50011 ZARLINK-ZL50011 Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50010 ZARLINK-ZL50010 Datasheet
719Kb / 86P
   Flexible 512 Channel DX with Enhanced DPLL
ZL50010 ZARLINK-ZL50010_06 Datasheet
720Kb / 87P
   Flexible 512 Channel DX with Enhanced DPLL
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
ZL50012 ZARLINK-ZL50012_06 Datasheet
562Kb / 66P
   Flexible 512-ch Digital Switch
logo
Sanyo Semicon Device
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
logo
Toshiba Semiconductor
TC94A39FAG TOSHIBA-TC94A39FAG Datasheet
274Kb / 20P
   Single-Chip CD Processor with Built-in Controller (CD-DX)
logo
Zarlink Semiconductor I...
ZL30108 ZARLINK-ZL30108 Datasheet
531Kb / 28P
   Network Interface DPLL
logo
Sanyo Semicon Device
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
logo
Zarlink Semiconductor I...
ZL30110 ZARLINK-ZL30110 Datasheet
292Kb / 21P
   Telecom Rate Conversion DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com