Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50012GDC Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # ZL50012GDC
Description  Flexible 512-ch Digital Switch
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50012GDC Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button ZL50012GDC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50012GDC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50012GDC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50012GDC Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50012GDC Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50012GDC Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50012GDC Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50012GDC Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50012GDC Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
ZL50012
Data Sheet
13
Zarlink Semiconductor Inc.
11
B9
SG1
APLL Test Control (3.3 V Input with internal pull-down): For
normal operation, this input MUST be low.
12
A9
TM1
APLL Test Pin 1: For normal operation, this input MUST be
low.
13
C10
TM2
APLL Test Pin 2: For normal operation, this input MUST be
low.
14, 15, 19
C9, C8, A8
NC1, NC2,
NC3
No Connection: These pins MUST be left unconnected.
16
D8
Vss_APLL
Ground for the APLL Circuit.
17
B8
VDD_APLL
Power Supply for the on-chip Analog Phase Lock Loop
(APLL) Circuit: +3.3 V
20
A7
ICONN1
Internal Connection: In normal mode, this pin must be low.
22
B7
CLKBYPS
Test Clock Input: For device testing only, in normal operation,
this input MUST be low.
24 - 28
A6, A5, B6,
B5, C7
IC0 - 4
Internal connection (3.3 V Tolerant Inputs with internal
pull-down):
In normal mode, these pins must be low.
30, 31
C4, A4
ICONN2 - 3
Internal Connection: In normal mode, these pins must be low.
34
A3
FPo0
ST-BUS Frame Pulse Output 0 (5 V Tolerance Three-state
Output): ST-BUS frame pulse output which stays low for
244 ns or 122 ns at the output frame boundary. Its frequency is
8 KHz. The polarity of this signal can be changed using the
Internal Mode Selection register.
35
B4
CKo0
ST-BUS Clock Output 0 (5 V Tolerant Three-state Output):
A 4.094 MHz or 8.192 MHz clock output. The clock falling edge
defines the output frame boundary. The polarity of this signal
can be changed using the Internal Mode Selection register.
36
B3
FPo1
ST-BUS Frame Pulse Output 1 (5 V Tolerant Three-state
Output): ST-BUS frame pulse output which stays low for 61 ns
or 122 ns at the output frame boundary. Its frequency is 8 KHz.
The polarity of this signal can be changed using the Internal
Mode Selection register.
37
B2
CKo1
ST-BUS Clock Output 1 (5 V Tolerant Three-state Output):
A 16.384 MHz or 8.192 MHz clock output. The clock falling
edge defines the output frame boundary. The polarity of this
signal can be changed using the Internal Mode Selection
register.
Pin Description (continued)
LQFP Pin
Number
LBGA Ball
Number
Name
Description


Similar Part No. - ZL50012GDC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
ZL50012/GDC ZARLINK-ZL50012/GDC Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
ZL50012/QCC ZARLINK-ZL50012/QCC Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
More results

Similar Description - ZL50012GDC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
MT90869 ZARLINK-MT90869 Datasheet
1Mb / 76P
   Flexible 16K Digital Switch (F16kDX)
MT90871 ZARLINK-MT90871 Datasheet
639Kb / 65P
   Flexible 8K Digital Switch (F8KDX)
logo
Integrated Device Techn...
IDT72V70200 IDT-IDT72V70200_08 Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70800 IDT-IDT72V70800 Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70200 IDT-IDT72V70200 Datasheet
145Kb / 24P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
logo
Zarlink Semiconductor I...
MT90870 ZARLINK-MT90870 Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
ZL50010 ZARLINK-ZL50010_06 Datasheet
720Kb / 87P
   Flexible 512 Channel DX with Enhanced DPLL
ZL50010 ZARLINK-ZL50010 Datasheet
719Kb / 86P
   Flexible 512 Channel DX with Enhanced DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com