Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL49011DAA Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL49011DAA
Description  Wide Dynamic Range DTMF Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL49011DAA Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button ZL49011DAA Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL49011DAA Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL49011DAA Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL49011DAA Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL49011DAA Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL49011DAA Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL49011DAA Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL49011DAA Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL49011DAA Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ZL49010/11, ZL49020/21, ZL49030/31
Data Sheet
8
Zarlink Semiconductor Inc.
† Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing
Absolute Maximum Ratings- Voltages are with respect to V
SS=0V unless otherwise stated.
Parameter
Symbol
Min.
Max.
Units
1
DC Power Supply Voltage
VDD-VSS
6V
2
Voltage on any pin (other than supply)
VI/O
-0.3
6.3
V
3
Current at any pin (other than supply)
II/O
10
mA
4
Storage temperature
TS
-65
150
°C
5
Package power dissipation
PD
500
mW
Recommended Operating Conditions - Voltages are with respect to V
SS=0V unless otherwise stated
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
Positive Power Supply
VDD
4.75
5.0
5.25
V
2
Oscillator Clock Frequency
fOSC
3.579
MHz
3
Oscillator Frequency Tolerance
∆fOSC
±0.1
%
4
Operating Temperature
Td
-40
25
85
°C
DC Electrical Characteristics - Voltages are with respect to V
DD=5V±5%,VSS=0V, and temperature -40 to 85°C, unless otherwise
stated.
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
Operating supply current
IDD
38
mA
2
Standby supply current
IDDQ
30
100
µA
PWDN=5V, ACK=0V
ESt/DStD = SD = 0V
3a
Input logic 1
VIH
4.0
V
3b
Input logic 1
(for OSC1 input only)
VIH
3.5
V
ZL4902x/ZL4903x
4a
Input logic 0
VIL
1.0
V
4b
Input logic 0
(for OSC1 input only)
VIL
1.5
V
ZL4902x/ZL4903x
5
Input impedance (pin 1)
RIN
50
k
6
Pull-down Current
(PWDN, ACK pins)
IPD
25
µA
with internal pull-down
resistor of approx.
200k
Ω. PWDN/ACK =
5V
7
Output high (source) current
IOH
0.4
4.0
mA
VOUT=VDD-0.4V
8
Output low (sink) current
IOL
1.0
9.0
mA
VOUT=VSS+0.4V


Similar Part No. - ZL49011DAA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL49011DAA ZARLINK-ZL49011DAA Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
More results

Similar Description - ZL49011DAA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com