Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50015GAG2 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # ZL50015GAG2
Description  Enhanced 1 K Digital Switch with Stratum 4E DPLL
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50015GAG2 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL50015GAG2 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50015GAG2 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50015GAG2 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50015GAG2 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50015GAG2 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50015GAG2 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50015GAG2 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50015GAG2 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50015GAG2 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 122 page
background image
ZL50015
Data Sheet
3
Zarlink Semiconductor Inc.
Description
The ZL50015 is a maximum 1,024 x 1,024 channel non-blocking digital Time Division Multiplex (TDM) switch. It has
sixteen input streams (STi0 - 15) and sixteen output streams (STio0 - 15). The device can switch 64 kbps and
Nx64 kbps TDM channels from any input stream to any output stream. Each of the input and output streams can be
independently programmed to operate at any of the following data rates: 2.048 Mbps, 4.096 Mbps, 8.192 Mbps or
16.384 Mbps. The ZL50015 provides up to eight high impedance control outputs (STOHZ0 - 7) to support the use
of external tristate drivers for the first eight output streams (STio0 - 15). The output streams can be configured to
operate in bi-directional mode, in which case STi0 - 15 will be ignored.
The device contains two types of internal memory - data memory and connection memory. There are four modes of
operation - Connection Mode, Message Mode, BER mode and high impedance mode. In Connection Mode, the
contents of the connection memory define, for each output stream and channel, the source stream and channel
(the actual data to be output is stored in the data memory). In Message Mode, the connection memory is used for
the storage of microprocessor data. Using Zarlink's Message Mode capability, microprocessor data can be
broadcast to the data output streams on a per-channel basis. This feature is useful for transferring control and
status information for external circuits or other TDM devices. In BER mode the output channel data is replaced with
a pseudorandom bit sequence (PRBS) from one of 16 PRBS generators that generates a 215-1 pattern. On the
input side channels can be routed to one of 16 bit error detectors. In high impedance mode the selected output
channel can be put into a high impedance state.
When the device is operating as a timing master, the internal digital PLL is in use. In this mode, an external
20.000 MHz crystal is required for the on-chip crystal oscillator. The DPLL is phase-locked to one of four input
reference signals (which can be 8 kHz, 1.544 MHz, 2.048 MHz, 4.096 MHz, 8.192 MHz, 16.384 MHz or 19.44 MHz
provided on REF0 - 3). The on-chip DPLL operates in normal, holdover or freerun mode and offers jitter
attenuation. The jitter attenuation function exceeds the Stratum 4E specification.
The configurable non-multiplexed microprocessor port allows users to program various device operating modes
and switching configurations. Users can employ the microprocessor port to perform register read/write, connection
memory read/write and data memory read operations. The port is configurable to interface with either Motorola or
Intel-type microprocessors.
The device also supports the mandatory requirements of the IEEE-1149.1 (JTAG) standard via the test port.


Similar Part No. - ZL50015GAG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015GAC ZARLINK-ZL50015GAC Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
More results

Similar Description - ZL50015GAG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com