Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PMT30AT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 1PMT30AT3
Description  Zener Transient Voltage Suppressor POWERMITE Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1PMT30AT3 Datasheet(HTML) 2 Page - ON Semiconductor

  1PMT30AT3 Datasheet HTML 1Page - ON Semiconductor 1PMT30AT3 Datasheet HTML 2Page - ON Semiconductor 1PMT30AT3 Datasheet HTML 3Page - ON Semiconductor 1PMT30AT3 Datasheet HTML 4Page - ON Semiconductor 1PMT30AT3 Datasheet HTML 5Page - ON Semiconductor 1PMT30AT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1PMT5.0AT1/T3 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Ppk Dissipation, (PW−10/1000 ms) (Note 1) (1PMT5.0A − 1PMT36A)
Ppk
200
W
Maximum Ppk Dissipation, (PW−10/1000 ms) (Note 1) (1PMT40A − 1PMT58A)
Ppk
175
W
Maximum Ppk Dissipation, (PW−8/20 ms) (Note 1)
Ppk
1000
W
DC Power Dissipation @ TA = 25°C (Note 2)
Derate above 25
°C
Thermal Resistance, Junction−to−Ambient
°PD°
RqJA
500
4.0
248
°mW
mW/
°C
°C/W
Thermal Resistance, Junction−to−Lead (Anode)
RqJanode
35
°C/W
Maximum DC Power Dissipation (Note 3)
Thermal Resistance, Junction−to−Tab (Cathode)
°PD°
RqJcathode
3.2
23
W
°C/W
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Nonrepetitive current pulse at TA = 25°C.
2. Mounted with recommended minimum pad size, DC board FR−4.
3. At Tab (Cathode) temperature, Ttab = 75°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 3.5 V Max. @ IF (Note 4) = 35 A)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF


Similar Part No. - 1PMT30AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT30AT3 ONSEMI-1PMT30AT3 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
More results

Similar Description - 1PMT30AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT50AT1 ONSEMI-1PMT50AT1 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
logo
Microsemi Corporation
3PMT5 MICROSEMI-3PMT5 Datasheet
491Kb / 3P
   POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
logo
ON Semiconductor
MA3075WALT1 ONSEMI-MA3075WALT1 Datasheet
51Kb / 8P
   Zener Transient Voltage Suppressor
January, 2002 ??Rev. 1
DF3A6.8FUT1 ONSEMI-DF3A6.8FUT1 Datasheet
49Kb / 4P
   Zener Transient Voltage Suppressor
July, 2004 ??Rev. 1
MA3075WALT1G ONSEMI-MA3075WALT1G Datasheet
90Kb / 4P
   Zener Transient Voltage Suppressor
October, 2016 ??Rev. 3
SMF78AT1G ONSEMI-SMF78AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
SMF45AT1G ONSEMI-SMF45AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
1SMF16BT1 ONSEMI-1SMF16BT1 Datasheet
52Kb / 4P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
February, 2004 ??Rev. 1
SMF5.0AT1 ONSEMI-SMF5.0AT1 Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Microsemi Corporation
MPZ5-16 MICROSEMI-MPZ5-16 Datasheet
111Kb / 2P
   High Power Transient Voltage Suppressor and Zener
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com