Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA032D02 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA032D02_07 Datasheet HTML 3Page - Texas Instruments TPA032D02_07 Datasheet HTML 4Page - Texas Instruments TPA032D02_07 Datasheet HTML 5Page - Texas Instruments TPA032D02_07 Datasheet HTML 6Page - Texas Instruments TPA032D02_07 Datasheet HTML 7Page - Texas Instruments TPA032D02_07 Datasheet HTML 8Page - Texas Instruments TPA032D02_07 Datasheet HTML 9Page - Texas Instruments TPA032D02_07 Datasheet HTML 10Page - Texas Instruments TPA032D02_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPA032D02
10W STEREO CLASSD AUDIO POWER AMPLIFIER
SLOS243B − DECEMBER 1999 − REVISED JUNE 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, Class-D amplifier, VDD = PVDD = LPVDD = RPVDD = 12 V, RL = 8 Ω,
TA = 25°C, See Figure 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.5%, per channel,
Device soldered on PCB,
See Note 2
7.5
W
Efficiency
PO = 7.5 W,
f = 1 kHz
85%
AV
Gain
25
dB
Left/right channel gain matching
92%
95%
Noise floor
−60
dB
Dynamic range
80
dB
Crosstalk
f = 1 kHz
−50
dB
Frequency response bandwidth, post output filter, − 3 dB
20
20 000
Hz
BOM
Maximum output power bandwidth
20
kHz
ZI
Input impedance
10
k
NOTE 2: Output power is thermally limited, TA = 85°C
operating characteristics, VCC 5-V regulator, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
VDD = PVDD = LPVDD = RPVDD = 8 V to 14 V,
IO = 0 to 90 mA
4.5
5.5
V
IOS
Short-circuit output current
VDD = PVDD = LPVDD = RPVDD = 8 V to 14 V†
90
mA
† Pulse width must be limited to prevent exceeding the maximum operating virtual junction temperature of 150°C.
thermal shutdown
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal shutdown temperature
165
°C
Thermal shutdown hysteresis
30
°C


Similar Part No. - TPA032D02_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02DCA TI-TPA032D02DCA Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA032D02_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com