Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL49021DAA1 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL49021DAA1
Description  Wide Dynamic Range DTMF Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL49021DAA1 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL49021DAA1 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL49021DAA1 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL49021DAA1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL49021DAA1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL49021DAA1 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL49021DAA1 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL49021DAA1 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL49021DAA1 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL49021DAA1 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ZL49010/11, ZL49020/21, ZL49030/31
Data Sheet
9
Zarlink Semiconductor Inc.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing
* Test Conditions
1. dBm refers to a reference power of 1 mW delivered into a 600 ohms load.
2. Data sequence consists of all DTMF digits.
3. Tone on = 40 ms, tone off = 40 ms.
4. Signal condition consists of nominal DTMF frequencies.
5. Both tones in composite signal have an equal amplitude.
6. Tone pair is deviated by
±1.5%± 2 Hz.
7. Bandwidth limited (0-3 kHz) Gaussian noise.
8. Precise dial tone frequencies are 350 Hz and 440 Hz (
± 2%).
9. Referenced to lowest level frequency component in DTMF signal.
10. Referenced to the minimum valid accept level.
11. Both tones must be within valid input signal range.
12. Internal guard time for ZL490x1 = 20 ms.
13. Timing parameters are measured with 70 pF load at SD output.
14. Time duration between PWDN pin changes from ‘1‘ to ‘0‘ and ESt/DStD becomes active.
15. Guaranteed by design and characterization. Not subject to production testing.
16. Value measured with an applied tone of 450 Hz.
AC Electrical Characteristics - voltages are with respect to V
DD=5V±5%, VSS=0V and temperature -40 to +85°C unless otherwise
stated.
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions*
1
Valid input signal level
(each tone of composite signal)
-50
2.45
0
775
dBm
mVRMS
1,2,3,5,6,12
2
Positive twist accept
8
dB
1,2,3,4,11,12,15
3
Negative twist accept
8
dB
1,2,3,4,11,12,15
4
Frequency deviation accept
±1.5%± 2Hz
1,2,3,5,12
5
Frequency deviation reject
±3.5%
1,2,3,5,12,15
6
Third tone tolerance
-16
dB
1,2,3,4,5,12
7
Noise tolerance
-12
dB
7,9,12
8
Dial tone tolerance
+15
dB
8,10,12
9
Supervisory tones detect level
(Total power)
-35
dBm
16
10
Supervisory tones reject level
-50
dBm
16
11
Energy detector attack time
tSA
1.0
6.5
ms
16
12
Energy detector decay time
tSD
325
ms
16
13a
13b
Powerdown time
Powerup time
10
30
50
ms
ms
ms
IDDQ 100
µA
ZL49010/ZL49030
ZL49011/ZL49031
Note 14
14
Tone present detect time (ESt
logic output)
tDP
3
13
20
ms
ZL490x0
15
Tone absent detect time (ESt
logic output)
tDA
3
15
ms
ZL490x0
16
Tone duration accept
(DStD logic output)
tREC
40
ms
ZL490x1
17
Tone duration reject
(DStD logic output)
tREC
20
ms
ZL490x1
18
Interdigit pause accept (DStD
logic output)
tID
40
ms
ZL490x1
19
Interdigit pause reject (DStD logic
output)
tDO
20
ms
ZL490x1
20
Data shift rate 40-60% duty cycle
fACK
1.0
3.0
MHz
13,15
21
Propagation delay
(ACK to Data Bit)
tPAD
100
140
ns
1MHz fACK,
13,15
22
Data hold time (ACK to SD)
tDH
30
50
ns
13,15


Similar Part No. - ZL49021DAA1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL49021DAA ZARLINK-ZL49021DAA Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
More results

Similar Description - ZL49021DAA1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com