Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50023 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZL50023
Description  Enhanced 4 K Digital Switch
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50023 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZL50023 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50023 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50023 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50023 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50023 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50023 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50023 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50023 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL50023 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
ZL50023
Data Sheet
11
Zarlink Semiconductor Inc.
K3
234
TMS
Test Mode Select (5 V-Tolerant Input with Internal Pull-up)
JTAG signal that controls the state transitions of the TAP controller.
This pin is pulled high by an internal pull-up resistor when it is not
driven.
L4
238
TCK
Test Clock (5 V-Tolerant Schmitt-Triggered Input with Internal
Pull-up)
Provides the clock to the JTAG test logic.
L3
239
TRST
Test Reset (5 V-Tolerant Input with Internal Pull-up)
Asynchronously initializes the JTAG TAP controller by putting it in
the Test-Logic-Reset state. This pin should be pulsed low during
power-up to ensure that the device is in the normal functional
mode. When JTAG is not being used, this pin should be pulled low
during normal operation.
M3
240
TDi
Test Serial Data In (5 V-Tolerant Input with Internal Pull-up)
JTAG serial test instructions and data are shifted in on this pin.
This pin is pulled high by an internal pull-up resistor when it is not
driven.
G5
212
TDo
Test Serial Data Out (5 V-Tolerant Three-state Output)
JTAG serial data is output on this pin on the falling edge of TCK.
This pin is held in high impedance state when JTAG is not
enabled.
B12, B13,
C10, C11,
F13, G4,
K12, C12,
80, 105,
150, 151,
152, 153,
210, 149
IC_Open
Internal Test Mode (5 V-Tolerant Input with Internal Pull-down)
These pins may be left unconnected.
G3, D12,
B14,C13
144, 107,
148, 208
IC_GND
Internal Test Mode Enable (5 V-Tolerant Input)
These pins MUST be low.
PBGA Pin
Number
LQFP Pin
Number
Pin Name
Description


Similar Part No. - ZL50023

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
ZL50023GAC ZARLINK-ZL50023GAC Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
ZL50023QCC ZARLINK-ZL50023QCC Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
More results

Similar Description - ZL50023

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
ZL50016 ZARLINK-ZL50016_06 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com