Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PMT5935BT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1PMT5935BT3G
Description  3.2 Watt Plastic Surface Mount POWERMITE Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1PMT5935BT3G Datasheet(HTML) 3 Page - ON Semiconductor

  1PMT5935BT3G Datasheet HTML 1Page - ON Semiconductor 1PMT5935BT3G Datasheet HTML 2Page - ON Semiconductor 1PMT5935BT3G Datasheet HTML 3Page - ON Semiconductor 1PMT5935BT3G Datasheet HTML 4Page - ON Semiconductor 1PMT5935BT3G Datasheet HTML 5Page - ON Semiconductor 1PMT5935BT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1PMT5920B Series
http://onsemi.com
3
TYPICAL CHARACTERISTICS
7
5
3
2
Figure 1. Steady State Power Derating
Figure 2. VZ to 10 Volts
25
50
75
100
125
175
3.5
2.5
2
1.5
1
0
T, TEMPERATURE (
°C)
0.1
56
9
10
VZ, ZENER VOLTAGE (VOLTS)
0.5
TL
2
4
6
8
10
12
10
8
6
4
2
0
−2
−4
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZT
200
100
70
50
30
20
10
10
20
30
50
70
100
200
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZT
150
3
78
11
1
10
100
Figure 3. VZ = 12 thru 47 Volts
0
1020
3040
50
60
70
8090
100
VZ, ZENER VOLTAGE (VOLTS)
100
50
30
20
10
1
0.5
0.3
0.2
0.1
2
5
3
Figure 4. Zener Voltage − To 12 Volts
Figure 5. Zener Voltage − 14 To 47 Volts
Figure 6. Effect of Zener Voltage
VZ, ZENER VOLTAGE (VOLTS)
5
7
10
20
30
50
70
100
200
100
70
50
30
20
10
IZ(dc) = 1mA
20 mA
iZ(rms) = 0.1 IZ(dc)
10 mA


Similar Part No. - 1PMT5935BT3G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1PMT5935BT3 MOTOROLA-1PMT5935BT3 Datasheet
138Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.3.91 VOLTS
logo
ON Semiconductor
1PMT5935BT3 ONSEMI-1PMT5935BT3 Datasheet
62Kb / 8P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2003 ??Rev. 0
More results

Similar Description - 1PMT5935BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT5920B ONSEMI-1PMT5920B Datasheet
62Kb / 8P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2003 ??Rev. 0
logo
SIRENZA MICRODEVICES
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0286 AVAGO-MSA-0286 Datasheet
68Kb / 4P
   Surface Mount Plastic Package
logo
ON Semiconductor
1PMT50AT1 ONSEMI-1PMT50AT1 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
logo
API Delevan
PDB-C154SMF API-PDB-C154SMF Datasheet
100Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
List of Unclassifed Man...
PDV-C173SM ETC2-PDV-C173SM Datasheet
143Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
Luna Innovations Incorp...
PDB-C154SM LUNA-PDB-C154SM Datasheet
186Kb / 2P
   Photodiode in Plastic Surface Mount Package
logo
Continental Device Indi...
SOT-23 CDIL-SOT-23 Datasheet
220Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
Advanced Photonix, Inc.
PDB-C150SM ADVANCEDPHOTONIX-PDB-C150SM Datasheet
142Kb / 1P
   Photodiode in Plastic Surface Mount Package
PDB-C152SM ADVANCEDPHOTONIX-PDB-C152SM Datasheet
128Kb / 1P
   Photodiode in Plastic Surface Mount Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com