Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST49LF016C-66-4C-WHE Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST49LF016C-66-4C-WHE
Description  16 Mbit LPC Serial Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF016C-66-4C-WHE Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST49LF016C-66-4C-WHE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
©2006 Silicon Storage Technology, Inc.
S71237-07-000
9/06
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
Operational Clock Frequency
– 33 MHz
– 66 MHz
Organized as 2M x8
Conforms to LPC Interface Specification v1.1
– Support Multi-Byte Firmware Memory Read/
Write Cycles
Single 3.0-3.6V Read and Write Operations
LPC Mode
– 5-signal LPC bus interface for both in-system
and factory programming using programmer
equipment
– Multi-Byte Read data transfer rate
15.6 MB/s @ 33 MHz PCI clock and
31.2 MB/s @ 66 MHz clock
- Firmware Memory Read cycle supporting
1, 2, 4, 16, and 128 Byte Read
- Firmware Memory Write cycle supporting
1, 2, and 4 Byte Write
– 33 MHz/66 MHz clock frequency operation
– WP#/AAI and TBL# pins provide hardware Write
protect for entire chip and/or top Boot Block
– Block Locking Registers for individual block Read-
Lock, Write-Lock, and Lock-Down protection
– 5 GPI pins for system design flexibility
– 4 ID pins for multi-chip selection
– Multi-Byte capability registers
(read-only registers)
– Status register for End-of-Write detection
– Program-/Erase-Suspend
Read or Write to other blocks during
Program-/Erase-Suspend
Two-cycle Command Set
Security ID Feature
– 256-bit Secure ID space
- 64-bit Unique Factory Pre-programmed
Device Identifier
- 192-bit User-Programmable OTP
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption
– Active Read Current: 12 mA (typical)
– Standby Current: 10 µA (typical)
Uniform 4 KByte sectors
– 35 Overlay Blocks: one 16-KByte Boot Block,
two 8-KByte Parameter Blocks, one 32-Kbyte
Parameter Block, thirty-one 64-KByte Main
Blocks.
Fast Sector-Erase/Program Operation
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Program Time: 7 µs (typical)
Auto Address Increment (AAI) for Rapid Factory
Programming (High Voltage Enabled)
– RY/BY# pin for End-of-Write detection
– Multi-Byte Program
– Chip Rewrite Time: 4 seconds (typical)
Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST49LF016C flash memory device is designed to
interface with host controllers (chipsets) that support a low-
pin-count (LPC) interface for system firmware applications.
Complying
with
LPC
Interface
Specification
1.1,
SST49LF016C supports a Burst-Read data transfer of
15.6 MBytes per second at 33 MHz clock speed and 31.2
MBytes per second at 66 MHz clock speed, up to 128
bytes in a single operation.
The LPC interface operates with 5 signal pins versus 28
pins of a 8-bit parallel flash memory. This frees up pins on
the ASIC host controller resulting in lower ASIC costs and a
reduction in overall system costs due to simplified signal
routing. This 5-signal LPC interface supports both in-sys-
tem and rapid factory programming using programmer
equipment. A high voltage pin (WP#/AAI) enables Auto
Address Increment (AAI) mode.
Via the software registers, the SST49LF016C offers hard-
ware block protection and individual block protection for crit-
ical system code and data. The 256-bit Security ID space is
comprised of a 64-bit factory pre-programmed unique
number and a 192-bit One-Time-Programmable (OTP)
area. This Security ID permits the use of new security tech-
niques and implementation of a new data protection
scheme. To protect against inadvertent write, the
SST49LF016C device has on-chip hardware and software
write protection schemes. The SST49LF016C also pro-
vides general purpose inputs (GPI) for system design flexi-
bility.
Manufactured with SST proprietary, high-performance
SuperFlash technology, SST49LF016C has a split-gate cell
design and thick-oxide tunneling injector for greater reliabil-
ity and manufacturability compared with alternative technol-
ogy approaches.
16 Mbit LPC Serial Flash
SST49LF016C
016C16Mb LPC Firmware Flash


Similar Part No. - SST49LF016C-66-4C-WHE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST49LF016C-66-4C-WHE MICROCHIP-SST49LF016C-66-4C-WHE Datasheet
340Kb / 43P
   16 Mbit LPC Serial Flash
02/16
More results

Similar Description - SST49LF016C-66-4C-WHE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST49LF016C MICROCHIP-SST49LF016C Datasheet
340Kb / 43P
   16 Mbit LPC Serial Flash
02/16
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
   16 Mbit LPC Flash
02/16
logo
Silicon Storage Technol...
SST49LF160C SST-SST49LF160C Datasheet
655Kb / 35P
   16 Mbit LPC Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
   4 Mbit / 8 Mbit LPC Serial Flash
logo
Microchip Technology
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
   8 Mbit LPC Flash
11/14
logo
Silicon Storage Technol...
SST49LF030A SST-SST49LF030A Datasheet
645Kb / 49P
   3 Mbit LPC Flash
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
   4 Mbit LPC Flash
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
   8 Mbit LPC Flash
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
   2 Mbit LPC Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
   8 Mbit LPC Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com