Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST55LD019C Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST55LD019C
Description  ATA Flash Disk Controller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019C Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST55LD019C Datasheet HTML 1Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 2Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 3Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 4Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 5Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
2
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
troller designs.
The SST55LD019A/B/C high-performance ATA Flash
Disk Controller offers sustained read and write perfor-
mance up to 10.0 MB/sec. The SST55LD019A controller
is to be used when the random access performance needs
to be maximized. The SST55LD019B controller is to be
used when the sequential access performance needs to be
maximized. The SST55LD019C controller is to be used
when the flash drive capacity and sequential access perfor-
mance need to be maximized. The SST55LD019A/B/C
can directly support up to 8 flash media devices or,
through simple decoding logic, can support up to 64
flash media devices. Users can select either an internal
or external system clock option for optimal performance vs.
the supply current.
The SST55LD019A/B/C offers added security protection
for confidential information stored in the flash media. It
allows up to four protection zones which can be set by the
user to be Read-only or Hidden (Read-disabled). The ATA
Flash Disk Controller can access the data within the pro-
tected zones through a password-protected command.
The controller also provides a WP_PD# pin to protect criti-
cal information stored in the flash media from unauthorized
overwrites.
The ATA Flash Disk Controller comes pre-programmed
with a 10-byte unique serial ID. For even greater system
security, the user has the option of programming an addi-
tional 10 Bytes of ID space to create a unique, 20-byte ID.
The ATA Flash Disk Controller comes packaged in an
industry-standard, 100-lead TQFP package, an 84-ball
TFBGA package, or a 85-ball VFBGA package for easy
integration into an SMT manufacturing process.


Similar Part No. - SST55LD019C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-C-BWE SST-SST55LD019M-45-C-BWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-C-MVWE SST-SST55LD019M-45-C-MVWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-C-TQWE SST-SST55LD019M-45-C-TQWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-I-BWE SST-SST55LD019M-45-I-BWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results

Similar Description - SST55LD019C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
SONiX Technology Compan...
SN20086APF SONIX-SN20086APF Datasheet
159Kb / 15P
   USB2.0 Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
   USB2.0 Flash Disk Controller
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
AU6389 ETC2-AU6389 Datasheet
440Kb / 19P
   USB2.0 Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com