Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF6401B-70-4C-B1K Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST39VF6401B-70-4C-B1K
Description  64 Mbit (x16) Multi-Purpose Flash Plus
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF6401B-70-4C-B1K Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST39VF6401B-70-4C-B1K Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-B1K Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-B1K Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-B1K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-B1K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-B1K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-B1K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-B1K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-B1K Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Data Sheet
©2006 Silicon Storage Technology, Inc.
S71288-02-000
7/06
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
FEATURES:
Organized as 4M x16
Single Voltage Read and Write Operations
– 2.7-3.6V
Superior Reliability
– Endurance: 100,000 Cycles (Typical)
– Greater than 100 years Data Retention
Low Power Consumption (typical values at 5 MHz)
– Active Current: 9 mA (typical)
– Standby Current: 3 µA (typical)
– Auto Low Power Mode: 3 µA (typical)
Hardware Block-Protection/WP# Input Pin
– Top Block-Protection (top 32 KWord)
for SST39VF6402B
– Bottom Block-Protection (bottom 32 KWord)
for SST39VF6401B
Sector-Erase Capability
– Uniform 2 KWord sectors
Block-Erase Capability
– Uniform 32 KWord blocks
Chip-Erase Capability
Erase-Suspend/Erase-Resume Capabilities
Hardware Reset Pin (RST#)
Security-ID Feature
– SST: 128 bits; User: 128 bits
Fast Read Access Time:
– 70 ns
– 90 ns
Latched Address and Data
Fast Erase and Word-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 40 ms (typical)
– Word-Program Time: 7 µs (typical)
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bits
– Data# Polling
CMOS I/O Compatibility
JEDEC Standard
– Flash EEPROM Pin Assignments
– Software command sequence compatibility
- Address format is 11 bits, A10-A0
- Block-Erase 6th Bus Write Cycle is 30H
- Sector-Erase 6th Bus Write Cycle is 50H
Packages Available
– 48-lead TSOP (12mm x 20mm)
– 48-ball TFBGA (8mm x 10mm)
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST39VF640xB devices are 4M x16 CMOS Multi-
Purpose Flash Plus (MPF+) manufactured with SST’s pro-
prietary, high-performance CMOS SuperFlash technology.
The split-gate cell design and thick-oxide tunneling injector
attain better reliability and manufacturability compared with
alternate approaches. The SST39VF640xB write (Pro-
gram or Erase) with a 2.7-3.6V power supply. These
devices conform to JEDEC standard pin assignments for
x16 memories.
Featuring
high
performance
Word-Program,
the
SST39VF640xB devices provide a typical Word-Program
time of 7 µsec. These devices use Toggle Bit or Data# Poll-
ing to indicate the completion of Program operation. To pro-
tect against inadvertent write, they have on-chip hardware
and Software Data Protection schemes. Designed, manu-
factured, and tested for a wide spectrum of applications,
these devices are offered with a guaranteed typical endur-
ance of 100,000 cycles. Data retention is rated at greater
than 100 years.
The SST39VF640xB devices are suited for applications that
require convenient and economical updating of program,
configuration, or data memory. For all system applications,
they significantly improve performance and reliability, while
lowering power consumption. They inherently use less
energy during Erase and Program than alternative flash
technologies. The total energy consumed is a function of
the applied voltage, current, and time of application. Since
for any given voltage range, the SuperFlash technology
uses less current to program and has a shorter erase time,
the total energy consumed during any Erase or Program
operation is less than alternative flash technologies. These
devices also improve flexibility while lowering the cost for
program, data, and configuration storage applications.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet high-density, surface mount requirements, the
SST39VF640xB devices are offered in 48-lead TSOP and
48-ball TFBGA packages. See Figures 1 and 2 for pin
assignments.
SST39VF640xB2.7V 64Mb (x16) MPF+ memories


Similar Part No. - SST39VF6401B-70-4C-B1K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF6401B-70-4C-B1KE MICROCHIP-SST39VF6401B-70-4C-B1KE Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF6401B-70-4C-B1KE MICROCHIP-SST39VF6401B-70-4C-B1KE Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results

Similar Description - SST39VF6401B-70-4C-B1K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com