Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF6401B-70-4I-B1K Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST39VF6401B-70-4I-B1K
Description  64 Mbit (x16) Multi-Purpose Flash Plus
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF6401B-70-4I-B1K Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST39VF6401B-70-4I-B1K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-B1K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-B1K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-B1K Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-B1K Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-B1K Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-B1K Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-B1K Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-B1K Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
Data Sheet
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
©2006 Silicon Storage Technology, Inc.
S71288-02-000
7/06
TABLE
7: CFI QUERY IDENTIFICATION STRING1 FOR SST39VF640XB
Address
Data
Data
10H
0051H
Query Unique ASCII string “QRY”
11H
0052H
12H
0059H
13H
0002H
Primary OEM command set
14H
0000H
15H
0000H
Address for Primary Extended Table
16H
0000H
17H
0000H
Alternate OEM command set (00H = none exists)
18H
0000H
19H
0000H
Address for Alternate OEM extended Table (00H = none exits)
1AH
0000H
T7.0 1288
1. Refer to CFI publication 100 for more details.
TABLE
8: SYSTEM INTERFACE INFORMATION FOR SST39VF640XB
Address
Data
Data
1BH
0027H
VDD Min (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
0036H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
0000H
VPP min. (00H = no VPP pin)
1EH
0000H
VPP max. (00H = no VPP pin)
1FH
0003H
Typical time out for Word-Program 2N µs (23 = 8 µs)
20H
0000H
Typical time out for min. size buffer program 2N µs (00H = not supported)
21H
0004H
Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms)
22H
0005H
Typical time out for Chip-Erase 2N ms (25 = 32 ms)
23H
0001H
Maximum time out for Word-Program 2N times typical (21 x 23 = 16 µs)
24H
0000H
Maximum time out for buffer program 2N times typical
25H
0001H
Maximum time out for individual Sector/Block-Erase 2N times typical (21 x 24 = 32 ms)
26H
0001H
Maximum time out for Chip-Erase 2N times typical (21 x 25 = 64 ms)
T8.0 1288
TABLE
9: DEVICE GEOMETRY INFORMATION FOR SST39VF640XB
Address
Data
Data
27H
0017H
Device size = 2N Bytes (17H = 23; 223 = 8 MByte)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0000H
Maximum number of bytes in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
0002H
Number of Erase Sector/Block sizes supported by device
2DH
00FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
0007H
y = 2047 + 1 = 2048 sectors (07FFH = 2047)
2FH
0010H
30H
0000H
z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16)
31H
007FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
0000H
y =127 + 1 = 128 blocks (007FH = 127)
33H
0000H
34H
0001H
z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T9.0 1288


Similar Part No. - SST39VF6401B-70-4I-B1K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF6401B-70-4I-B1KE MICROCHIP-SST39VF6401B-70-4I-B1KE Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF6401B-70-4I-B1KE MICROCHIP-SST39VF6401B-70-4I-B1KE Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results

Similar Description - SST39VF6401B-70-4I-B1K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com