Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5913BRLG Datasheet(PDF) 6 Page - ON Semiconductor

Part # 1N5913BRLG
Description  3 W DO??1 Surmetic TM 30 Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5913BRLG Datasheet(HTML) 6 Page - ON Semiconductor

  1N5913BRLG Datasheet HTML 1Page - ON Semiconductor 1N5913BRLG Datasheet HTML 2Page - ON Semiconductor 1N5913BRLG Datasheet HTML 3Page - ON Semiconductor 1N5913BRLG Datasheet HTML 4Page - ON Semiconductor 1N5913BRLG Datasheet HTML 5Page - ON Semiconductor 1N5913BRLG Datasheet HTML 6Page - ON Semiconductor 1N5913BRLG Datasheet HTML 7Page - ON Semiconductor 1N5913BRLG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1N5913B Series
http://onsemi.com
6
Figure 5. Units To 12 Volts
Figure 6. Units 10 To 400 Volts
Figure 7. VZ = 3.3 thru 10 Volts
Figure 8. VZ = 12 thru 82 Volts
Figure 9. VZ = 100 thru 400 Volts
Figure 10. Typical Thermal Resistance
ZENER VOLTAGE versus ZENER CURRENT
(Figures 7, 8 and 9)
TEMPERATURE COEFFICIENT RANGES
(90% of the Units are in the Ranges Indicated)
VZ, ZENER VOLTAGE @ IZT (VOLTS)
34
5
6
7
89
10
11
12
10
8
6
4
2
0
−2
−4
RANGE
1000
500
200
100
50
20
10
10
20
50
100
200
400
1000
VZ, ZENER VOLTAGE @ IZT (VOLTS)
01
2
3
4
5
6
7
8910
100
50
30
20
10
1
0.5
0.3
0.2
0.1
VZ, ZENER VOLTAGE (VOLTS)
2
5
3
0
10
203040
50
607080
90
100
VZ, ZENER VOLTAGE (VOLTS)
100
50
30
20
10
1
0.5
0.3
0.2
0.1
2
5
3
100
200
300
400
250
350
150
10
1
0.5
0.2
0.1
VZ, ZENER VOLTAGE (VOLTS)
2
5
0
10
20
30
40
50
60
70
80
L, LEAD LENGTH TO HEAT SINK (INCH)
PRIMARY PATH OF
CONDUCTION IS THROUGH
THE CATHODE LEAD
0
1/8
1/4
3/8
1/2
5/8
3/4
7/8
1
TL
L
L


Similar Part No. - 1N5913BRLG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
   1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
More results

Similar Description - 1N5913BRLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
   3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
   3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com