Electronic Components Datasheet Search
Selected language     English  ▼


SN74AHC74 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN74AHC74
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 4 page
background image
SN54AHC74, SN74AHC74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR AND PRESET
SCLS255J – DECEMBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHC74
SN74AHC74
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
1.9
IOH = –50 mA
3 V
2.9
3
2.9
2.9
VOH
4.5 V
4.4
4.5
4.4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
V
IOL = 4 mA
3 V
0.36
0.5
0.44
IOL = 8 mA
4.5 V
0.36
0.5
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AHC74
SN74AHC74
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
PRE or CLR low
6
7
7
ns
tw
Pulse duration
CLK
6
7
7
ns
t
Setup time before CLK
Data
6
7
7
ns
tsu
Setup time before CLK
PRE or CLR inactive
5
5
5
ns
th
Hold time, data after CLK
0.5
0.5
0.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AHC74
SN74AHC74
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
PRE or CLR low
5
5
5
ns
tw
Pulse duration
CLK
5
5
5
ns
t
Setup time before CLK
Data
5
5
5
ns
tsu
Setup time before CLK
PRE or CLR inactive
3
3
3
ns
th
Hold time, data after CLK
0.5
0.5
0.5
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LVC74ADUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET 1 2 3 4 5 MoreTexas Instruments
SN54HCT74DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET 1 2 3 4 5 MoreTexas Instruments
SN54AC74DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET 1 2 3 4 5 MoreTexas Instruments
CD54AC109DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET 1 2 3 4 5 MoreTexas Instruments
SN54LV74ADUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS 1 2 3 4 5 MoreTexas Instruments
DM74LS123Dual Retriggerable One-Shot with Clear and Complementary Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
AM25LS2520Octal D-Type Flip-Flop with Clear Clock Enable and Three-State Control 1 2 3 4 5 MoreAdvanced Micro Devices
CD54ACT174HEX D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
LM95241Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology 65nm/90nm 1 2 3 4 5 MoreNational Semiconductor (TI)
74LCX574Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl