Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2525L-1-F3 Datasheet(PDF) 9 Page - California Eastern Labs

Part # PS2525L-1-F3
Description  LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2525L-1-F3 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button PS2525L-1-F3 Datasheet HTML 5Page - California Eastern Labs PS2525L-1-F3 Datasheet HTML 6Page - California Eastern Labs PS2525L-1-F3 Datasheet HTML 7Page - California Eastern Labs PS2525L-1-F3 Datasheet HTML 8Page - California Eastern Labs PS2525L-1-F3 Datasheet HTML 9Page - California Eastern Labs PS2525L-1-F3 Datasheet HTML 10Page - California Eastern Labs PS2525L-1-F3 Datasheet HTML 11Page - California Eastern Labs PS2525L-1-F3 Datasheet HTML 12Page - California Eastern Labs PS2525L-1-F3 Datasheet HTML 13Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PS2525-1,-2,-4,PS2525L-1,-2,-4
Normalized to 1.0
at TA = 25 ˚C,
IF = 100 mA,
VCE = 3 V
1.4
0.6
0.0
0.8
1.0
0.4
0.2
1.2
025
50
100
–50
–25
75
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;
VCC = 10 V,
IC = 2 mA
100
5
1
50
10
50
200
1 k
2 k
100
500
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
ton
toff
tf
tr
250
150
50
0
200
100
0.5
5
50
0.1
1
10
100
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
VCE = 3 V
Sample A
B
C
1.2
1.0
0.0
0.4
0.2
0.8
0.6
10
2
10
3
110
4
10
5
10
6
Time (Hr)
LONG TERM CTR DEGRADATION
CTR Test condition
IF = 5 mA, VCE = 5 V
IF = 5 mA
20 mA
40 mA
70
0
60
20
50
40
30
10
610
24
8
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
IF =
50
mA
20
mA
10
mA
5 mA
–6
0
–3
–9
–12
5 k
500 k
500
100 k
100
10 k
50 k
1 k
Frequency f (Hz)
FREQUENCY RESPONSE
RL = 100
500
330
F
µ
1 k
VCC = 5 V
IC =
2 mA
RL
50
Remark The graphs indicate nominal characteristics.
Data Sheet PN10231EJ01V0DS
9


Similar Part No. - PS2525L-1-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2525L-1-F3 NEC-PS2525L-1-F3 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2525L-1-F3 RENESAS-PS2525L-1-F3 Datasheet
274Kb / 14P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2525L-1-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2525-1 RENESAS-PS2525-1 Datasheet
274Kb / 14P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1_06 Datasheet
361Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2521-1 RENESAS-PS2521-1 Datasheet
270Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1 Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com