Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5920BT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1SMB5920BT3
Description  3 Watt Plastic Surface Mount Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB5920BT3 Datasheet(HTML) 1 Page - ON Semiconductor

  1SMB5920BT3 Datasheet HTML 1Page - ON Semiconductor 1SMB5920BT3 Datasheet HTML 2Page - ON Semiconductor 1SMB5920BT3 Datasheet HTML 3Page - ON Semiconductor 1SMB5920BT3 Datasheet HTML 4Page - ON Semiconductor 1SMB5920BT3 Datasheet HTML 5Page - ON Semiconductor 1SMB5920BT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 6
1
Publication Order Number:
1SMB5913BT3/D
1SMB5913BT3 Series
Preferred Device
3 Watt Plastic
Surface Mount
Zener Voltage Regulators
This complete new line of 3 Watt Zener diodes offers the following
advantages.
Features
Zener Voltage Range − 3.3 V to 200 V
ESD Rating of Class 3 (>16 kV) per Human Body Model
Flat Handling Surface for Accurate Placement
Package Design for Top Side or Bottom Circuit Board Mounting
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
LEADS:
Modified L−Bend providing more contact area to bond pads
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL 94 V−0
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Steady State Power
Dissipation @ TL = 75°C
Measured at Zero Lead Length
Derate Above 75
°C
Thermal Resistance from Junction−to−Lead
PD
RqJL
3.0
40
25
W
mW/
°C
°C/W
Maximum Steady State Power Dissipation
@ TA = 25°C (Note )
Derate Above 25
°C
Thermal Resistance from Junction−to−Ambient
PD
RqJA
550
4.4
226
mW
mW/
°C
°C/W
Operating and Storage Temperature Range
TJ, Tstg
−65 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 board, using recommended footprint.
PLASTIC SURFACE MOUNT
ZENER VOLTAGE
REGULATOR DIODES
3.3−200 V, 3 W DC POWER
SMB
CASE 403A
PLASTIC
Cathode
Anode
MARKING DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
1SMB59xxBT3
SMB
2500/Tape & Reel
1SMB59xxBT3G
SMB
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Preferred devices are recommended choices for future use
and best overall value.
A
= Assembly Location
Y
= Year
WW
= Work Week
9xxB = Device Code (Refer to page 3)
G
= Pb−Free Package
AYWW
9xxB
G
G
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - 1SMB5920BT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5920BT3 MOTOROLA-1SMB5920BT3 Datasheet
60Kb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS
logo
ON Semiconductor
1SMB5920BT3G ONSEMI-1SMB5920BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB5920BT3G ONSEMI-1SMB5920BT3G Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5920BT3G ONSEMI-1SMB5920BT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results

Similar Description - 1SMB5920BT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
logo
Cystech Electonics Corp...
ZMM55CXXSM CYSTEKEC-ZMM55CXXSM Datasheet
132Kb / 3P
   Surface Mount Zener Voltage Regulators
logo
SHIKUES Electronics
1SMB5913BG SKTECHNOLGY-1SMB5913BG Datasheet
364Kb / 4P
   Surface Mount Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com