Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5380B Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1N5380B
Description  5 Watt Surmetic TM 40 Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5380B Datasheet(HTML) 1 Page - ON Semiconductor

  1N5380B Datasheet HTML 1Page - ON Semiconductor 1N5380B Datasheet HTML 2Page - ON Semiconductor 1N5380B Datasheet HTML 3Page - ON Semiconductor 1N5380B Datasheet HTML 4Page - ON Semiconductor 1N5380B Datasheet HTML 5Page - ON Semiconductor 1N5380B Datasheet HTML 6Page - ON Semiconductor 1N5380B Datasheet HTML 7Page - ON Semiconductor 1N5380B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 7
1
Publication Order Number:
1N5333B/D
1N5333B Series
Preferred Device
5 Watt Surmetict 40
Zener Voltage Regulators
This is a complete series of 5 Watt Zener diodes with tight limits and
better operating characteristics that reflect the superior capabilities of
silicon−oxide passivated junctions. All this in an axial lead,
transfer−molded plastic package that offers protection in all common
environmental conditions.
Features
Zener Voltage Range − 3.3 V to 200 V
ESD Rating of Class 3 (>16 kV) per Human Body Model
Surge Rating of up to 180 W @ 8.3 ms
Maximum Limits Guaranteed on up to Six Electrical Parameters
Pb−Free Packages are Available
Mechanical Characteristics
CASE:
Void free, transfer−molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230
°C, 1/16 in. from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Max. Steady State Power Dissipation
@ TL = 75°C, Lead Length = 3/8 in
Derate above 75
°C
PD
5
40
W
mW/
°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to +200
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
AXIAL LEAD
CASE 017AA
PLASTIC
Cathode
Anode
MARKING DIAGRAM
A
= Assembly Location
1N53xxB = Device Number
(Refer to Tables on Pages 3 & 4
YY
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
A
1N
53xxB
YYWW
G
G
Device
Package
Shipping
ORDERING INFORMATION
Preferred devices are recommended choices for future use
and best overall value.
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1N53xxB, G
Axial Lead
(Pb−Free)
1000 Units/Box
1N53xxBRL, G
Axial Lead
(Pb−Free)
4000/Tape & Reel


Similar Part No. - 1N5380B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5380B MOTOROLA-1N5380B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5380B NJSEMI-1N5380B Datasheet
99Kb / 3P
   ZENER DIODES
logo
Semikron International
1N5380B SEMIKRON-1N5380B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Insel Rectifier India P...
1N5380B IRI-1N5380B Datasheet
204Kb / 3P
   ZENER DIODE
logo
Frontier Electronics.
1N5380B FRONTIER-1N5380B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
More results

Similar Description - 1N5380B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53_13 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1N5333B ONSEMI-1N5333B Datasheet
71Kb / 8P
   5 Watt Surmetic 40 Zener Voltage Refulators
December, 2004 ??Rev. 4
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
   3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
   5-Watt Surmetic 40 Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
1N5913B ONSEMI-1N5913B Datasheet
70Kb / 8P
   3 W DO??1 Surmetic TM 30 Zener Voltage Regulators
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com