Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB24CAT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMB24CAT3
Description  Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB24CAT3 Datasheet(HTML) 3 Page - ON Semiconductor

  1SMB24CAT3 Datasheet HTML 1Page - ON Semiconductor 1SMB24CAT3 Datasheet HTML 2Page - ON Semiconductor 1SMB24CAT3 Datasheet HTML 3Page - ON Semiconductor 1SMB24CAT3 Datasheet HTML 4Page - ON Semiconductor 1SMB24CAT3 Datasheet HTML 5Page - ON Semiconductor 1SMB24CAT3 Datasheet HTML 6Page - ON Semiconductor 1SMB24CAT3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1SMB10CAT3 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Devices listed in bold, italic are ON Semiconductor Preferred devices.)
Device*
Device
Marking
VRWM
(Note 4)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 6)
Ctyp
(Note 7)
VBR (Note 5) Volts
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
Volts
Amps
pF
1SMB10CAT3, G
1SMB11CAT3, G
1SMB12CAT3, G
1SMB13CAT3, G
KXC
KZC
LEC
LGC
10
11
12
13
5.0
5.0
5.0
5.0
11.1
12.2
13.3
14.4
11.69
12.84
14.00
15.16
12.27
13.5
14.7
15.9
1.0
1.0
1.0
1.0
17.0
18.2
19.9
21.5
35.3
33.0
30.2
27.9
805
740
680
630
1SMB14CAT3, G
1SMB15CAT3, G
1SMB16CAT3, G
1SMB17CAT3, G
LKC
LMC
LPC
LRC
14
15
16
17
5.0
5.0
5.0
5.0
15.6
16.7
17.8
18.9
16.42
17.58
18.74
19.90
17.2
18.5
19.7
20.9
1.0
1.0
1.0
1.0
23.2
24.4
26.0
27.6
25.8
24.0
23.1
21.7
590
555
520
490
1SMB18CAT3, G
1SMB20CAT3, G
1SMB22CAT3, G
1SMB24CAT3, G
LTC
LVC
LXC
LZC
18
20
22
24
5.0
5.0
5.0
5.0
20.0
22.2
24.4
26.7
21.06
23.37
25.69
28.11
22.1
24.5
27.0
29.5
1.0
1.0
1.0
1.0
29.2
32.4
35.5
38.9
20.5
18.5
16.9
15.4
465
425
390
366
1SMB26CAT3, G
1SMB28CAT3, G
1SMB30CAT3, G
1SMB33CAT3, G
MEC
MGC
MKC
MMC
26
28
30
33
5.0
5.0
5.0
5.0
28.9
31.1
33.3
36.7
30.42
32.74
35.06
38.63
31.9
34.4
36.8
40.6
1.0
1.0
1.0
1.0
42.1
45.4
48.4
53.3
14.2
13.2
12.4
11.3
330
310
290
265
1SMB36CAT3, G
1SMB40CAT3, G
1SMB43CAT3, G
1SMB45CAT3, G
MPC
MRC
MTC
MVC
36
40
43
45
5.0
5.0
5.0
5.0
40.0
44.4
47.8
50.0
42.11
46.74
50.32
52.63
44.2
49.1
52.8
55.3
1.0
1.0
1.0
1.0
58.1
64.5
69.4
72.2
10.3
9.3
8.6
8.3
245
220
210
200
1SMB48CAT3, G
1SMB51CAT3, G
1SMB54CAT3, G
1SMB58CAT3, G
MXC
MZC
NEC
NGC
48
51
54
58
5.0
5.0
5.0
5.0
53.3
56.7
60.0
64.4
56.11
59.69
63.16
67.79
58.9
62.7
66.32
71.18
1.0
1.0
1.0
1.0
77.4
82.4
87.1
93.6
7.7
7.3
6.9
6.4
190
175
170
155
1SMB60CAT3, G
1SMB64CAT3, G
1SMB75CAT3, G
NKC
NMC
NRC
60
64
75
5.0
5.0
5.0
66.7
71.1
83.3
70.21
74.84
91.65
73.72
78.58
92.07
1.0
1.0
1.0
96.8
103
121
6.2
5.8
4.9
150
145
125
4. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
5. VBR measured at pulse test current IT at an ambient temperature of 25°C.
6. Surge current waveform per Figure 2 and derate per Figure 3 of the General Data − 600 Watt at the beginning of this group.
7. Bias Voltage = 0 V, F = 1 MHz, TJ = 25°C
*The “G” suffix indicates Pb−Free package available.


Similar Part No. - 1SMB24CAT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB24CAT3 ONSEMI-1SMB24CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB24CAT3G ONSEMI-1SMB24CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB24CAT3G ONSEMI-1SMB24CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - 1SMB24CAT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
NS6A5.0AFT3G ONSEMI-NS6A5.0AFT3G Datasheet
62Kb / 5P
   Watt Peak Power Zener Transient Voltage Suppressors
August, 2014 ??Rev. 2
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com