Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2830AFIM89 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM2830AFIM89
Description  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CM2830AFIM89 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM2830AFIM89 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2830AFIM89 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2830AFIM89 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2830AFIM89 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2830AFIM89 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2830AFIM89 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2830AFIM89 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2830AFIM89 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2830AFIM89 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CM2830/CM2830A
300mA CMOS LDO
2004/04/30 Rev. 1.6
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM2830/CM2830A family is a positive voltage linear
regulator developed utilizing CMOS technology featured low
quiescent current (30
µ A typ.), low dropout voltage, and high
output voltage accuracy. Built-in low on-resistance transistor
provides low dropout voltage and large output current. A
2.2
µ F or greater can be used as an output capacitor.
The SOT-23-3, SOT-23-5, and TO-92 miniaturized package
and the SOT-89 package are recommended for configuring
portable devices and large current application, respectively.
These robust devices are designed to prevent device failure
under the worst operation condition with both Thermal
Shutdown and Current Fold-back.
Very Low Dropout Voltage
Low Current Consumption: Typ. 30
µ A, Max. 35µ A
Output Voltage: 1.5V, 1.8V, 1.9V, 2.0V, 2.2V, 2.5V, 2.7V,
2.8V, 2.9V, 3.0V, 3.3V, 3.5V, 3.6V, and 3.8V
High Accuracy Output Voltage: +/- 1.5%
Guaranteed 300mA Output
Input Range up to 7.0V
Thermal Shutdown
Current Limiting
Compact Package: TO-92, SOT-23-3, SOT-23-5, and
SOT-89
Factory Pre-set Output Voltages
Short Circuit Current Fold-Back
Low Temperature Coefficient
APPLICATIONS
Battery-powered devices
Personal communication devices
Home electric/electronic appliances
PC peripherals
TYPICAL APPLICATIONS
CM 2830/A
IN
O UT
GND
IN
OUT
5V
C1
1uF
C2
2.2uF


Similar Part No. - CM2830AFIM89

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2830AFIM89 CHAMP-CM2830AFIM89 Datasheet
612Kb / 16P
   300mA CMOS LDO
More results

Similar Description - CM2830AFIM89

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com