Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS32NSRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65LVDS32NSRG4
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS32NSRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS32NSRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS32NSRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS32NSRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS32NSRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS32NSRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS32NSRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS32NSRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS32NSRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS32NSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
300 k
300 k
VCC
7 V
7 V
A Input
B Input
7 V
50
VCC
Input
VCC
5
7 V
Y Output
EQUIVALENT OF EACH A OR B INPUT
EQUIVALENT OF G, G, 1,2EN OR
3,4EN INPUTS
TYPICAL OF ALL OUTPUTS
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
SN55LVDS32, SN65LVDS32
SN65LVDS3486, SN65LVDS9637
SLLS262N – JULY 1997 – REVISED MARCH 2004
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VCC
Supply voltage range(2)
–0.5 V to 4 V
Enables and output
–0.5 V to VCC + 0.5 V
VI
Input voltage range
A or B
–0.5 V to 4 V
Continuous total power dissipation
See Dissipation Rating Table
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages, except differential I/O bus voltages, are with respect to the network ground terminal.
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D (8)
725 mW
5.8 mW/°C
464 mW
377 mW
D (16)
950 mW
7.6 mW/°C
608 mW
494 mW
DGK
425 mW
3.4 mW/°C
272 mW
221 mW
DGN(2)
2.14 W
17.1 mW/°C
1.37 W
1.11 W
FK
1375 mW
11.0 mW/°C
880 mW
715 mW
275 mW
J
1375 mW
11.0 mW/°C
880 mW
715 mW
275 mW
PW (16)
774 mW
6.2 mW/°C
496 mW
402 mW
W
1000 mW
8.0 mW/°C
640 mW
520 mW
200 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air flow.
(2)
The PowerPAD™ must be soldered to a thermal land on the printed-circuit board. See the application note PowerPAD Thermally
Enhanced Package (SLMA002)
4
Submit Documentation Feedback


Similar Part No. - SN65LVDS32NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32NSRG4 TI-SN65LVDS32NSRG4 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS32NSRG4 TI-SN65LVDS32NSRG4 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS32NSRG4 TI-SN65LVDS32NSRG4 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDS32NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com