Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5935BT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 1SMA5935BT3
Description  1.5 Watt Plastic Surface Mount Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA5935BT3 Datasheet(HTML) 2 Page - ON Semiconductor

  1SMA5935BT3 Datasheet HTML 1Page - ON Semiconductor 1SMA5935BT3 Datasheet HTML 2Page - ON Semiconductor 1SMA5935BT3 Datasheet HTML 3Page - ON Semiconductor 1SMA5935BT3 Datasheet HTML 4Page - ON Semiconductor 1SMA5935BT3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
1SMA5913BT3 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 1.5 V Max. @ IF = 200 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
IZM
Maximum DC Zener Current
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.5 V Max. @ IF = 200 mA for all types)
Device* (Note 3)
Device
Marking
Zener Voltage (Note 4)
Zener Impedance
Leakage Current
IZM
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
Volts
mA(dc)
1SMA5913BT3, G
813B
3.13
3.3
3.47
113.6
10
500
1.0
50
1.0
455
1SMA5914BT3, G
814B
3.42
3.6
3.78
104.2
9.0
500
1.0
35.5
1.0
417
1SMA5915BT3, G
815B
3.70
3.9
4.10
96.1
7.5
500
1.0
12.5
1.0
385
1SMA5916BT3, G
816B
4.08
4.3
4.52
87.2
6.0
500
1.0
2.5
1.0
349
1SMA5917BT3, G
817B
4.46
4.7
4.94
79.8
5.0
500
1.0
2.5
1.5
319
1SMA5918BT3, G
818B
4.84
5.1
5.36
73.5
4.0
350
1.0
2.5
2.0
294
1SMA5919BT3, G
819B
5.32
5.6
5.88
66.9
2.0
250
1.0
2.5
3.0
268
1SMA5920BT3, G
820B
5.89
6.2
6.51
60.5
2.0
200
1.0
2.5
4.0
242
1SMA5921BT3, G
821B
6.46
6.8
7.14
55.1
2.5
200
1.0
2.5
5.2
221
1SMA5922BT3, G
822B
7.12
7.5
7.88
50
3.0
400
0.5
2.5
6.0
200
1SMA5923BT3, G
823B
7.79
8.2
8.61
45.7
3.5
400
0.5
2.5
6.5
183
1SMA5924BT3, G
824B
8.64
9.1
9.56
41.2
4.0
500
0.5
2.5
7.0
165
1SMA5925BT3, G
825B
9.5
10
10.5
37.5
4.5
500
0.25
2.5
8.0
150
1SMA5926BT3, G
826B
10.45
11
11.55
34.1
5.5
550
0.25
0.5
8.4
136
1SMA5927BT3, G
827B
11.4
12
12.6
31.2
6.5
550
0.25
0.5
9.1
125
1SMA5928BT3, G
828B
12.35
13
13.65
28.8
7.0
550
0.25
0.5
9.9
115
1SMA5929BT3, G
829B
14.25
15
15.75
25
9.0
600
0.25
0.5
11.4
100
1SMA5930BT3, G
830B
15.2
16
16.8
23.4
10
600
0.25
0.5
12.2
94
1SMA5931BT3, G
831B
17.1
18
18.9
20.8
12
650
0.25
0.5
13.7
83
1SMA5932BT3, G
832B
19
20
21
18.7
14
650
0.25
0.5
15.2
75
1SMA5933BT3, G
833B
20.9
22
23.1
17
17.5
650
0.25
0.5
16.7
68
1SMA5934BT3, G
834B
22.8
24
25.2
15.6
19
700
0.25
0.5
18.2
63
1SMA5935BT3, G
835B
25.65
27
28.35
13.9
23
700
0.25
0.5
20.6
56
1SMA5936BT3, G
836B
28.5
30
31.5
12.5
26
750
0.25
0.5
22.8
50
1SMA5937BT3, G
837B
31.35
33
34.65
11.4
33
800
0.25
0.5
25.1
45
1SMA5938BT3, G
838B
34.2
36
37.8
10.4
38
850
0.25
0.5
27.4
42
1SMA5939BT3, G
839B
37.05
39
40.95
9.6
45
900
0.25
0.5
29.7
38
1SMA5940BT3, G
840B
40.85
43
45.15
8.7
53
950
0.25
0.5
32.7
35
1SMA5941BT3, G
841B
44.65
47
49.35
8.0
67
1000
0.25
0.5
35.8
32
1SMA5942BT3, G
842B
48.45
51
53.55
7.3
70
1100
0.25
0.5
38.8
29
1SMA5943BT3, G
843B
53.2
56
58.8
6.7
86
1300
0.25
0.5
42.6
27
1SMA5944BT3, G
844B
58.9
62
65.1
6.0
100
1500
0.25
0.5
47.1
24
1SMA5945BT3, G
845B
64.6
68
71.4
5.5
120
1700
0.25
0.5
51.7
22
3. Tolerance and Voltage Regulation Designation − The type number listed indicates a tolerance of
±5%.
4. VZ limits are to be guaranteed at thermal equilibrium.
* The “G” suffix indicates Pb−Free package available.


Similar Part No. - 1SMA5935BT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA5935BT3 MOTOROLA-1SMA5935BT3 Datasheet
153Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS
logo
ON Semiconductor
1SMA5935BT3 ONSEMI-1SMA5935BT3 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5935BT3G ONSEMI-1SMA5935BT3G Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
More results

Similar Description - 1SMA5935BT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
logo
Semtech Corporation
1N4460US SEMTECH-1N4460US Datasheet
72Kb / 3P
   Surface Mount(US) 1.5 WATT Voltage Regulators
logo
Micro Commercial Compon...
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com