Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB45AT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMB45AT3
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB45AT3 Datasheet(HTML) 3 Page - ON Semiconductor

  1SMB45AT3 Datasheet HTML 1Page - ON Semiconductor 1SMB45AT3 Datasheet HTML 2Page - ON Semiconductor 1SMB45AT3 Datasheet HTML 3Page - ON Semiconductor 1SMB45AT3 Datasheet HTML 4Page - ON Semiconductor 1SMB45AT3 Datasheet HTML 5Page - ON Semiconductor 1SMB45AT3 Datasheet HTML 6Page - ON Semiconductor 1SMB45AT3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1SMB5.0AT3 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Devices listed in bold, italic are ON Semiconductor Preferred devices.)
Device*
Device
Marking
VRWM
(Note 6)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 8)
Ctyp
(Note 9)
VBR (Note 7) Volts
@ IT
VC
IPP
V
mA
Min
Nom
Max
mA
V
A
pF
1SMB5.0AT3, G
1SMB6.0AT3, G
1SMB6.5AT3, G
1SMB7.0AT3, G
KE
KG
KK
KM
5.0
6.0
6.5
7.0
800
800
500
500
6.40
6.67
7.22
7.78
6.7
7.02
7.6
8.19
7.0
7.37
7.98
8.6
10
10
10
10
9.2
10.3
11.2
12.0
65.2
58.3
53.6
50.0
2700
2300
2140
2005
1SMB7.5AT3, G
1SMB8.0AT3, G
1SMB8.5AT3, G
1SMB9.0AT3, G
KP
KR
KT
KV
7.5
8.0
8.5
9.0
100
50
10
5.0
8.33
8.89
9.44
10.0
8.77
9.36
9.92
10.55
9.21
9.83
10.4
11.1
1.0
1.0
1.0
1.0
12.9
13.6
14.4
15.4
46.5
44.1
41.7
39.0
1890
1780
1690
1605
1SMB10AT3, G
1SMB11AT3, G
1SMB12AT3, G
1SMB13AT3, G
KX
KZ
LE
LG
10
11
12
13
5.0
5.0
5.0
5.0
11.1
12.2
13.3
14.4
11.7
12.85
14
15.15
12.3
13.5
14.7
15.9
1.0
1.0
1.0
1.0
17.0
18.2
19.9
21.5
35.3
33.0
30.2
27.9
1460
1345
1245
1160
1SMB14AT3, G
1SMB15AT3, G
1SMB16AT3, G
1SMB17AT3, G
LK
LM
LP
LR
14
15
16
17
5.0
5.0
5.0
5.0
15.6
16.7
17.8
18.9
16.4
17.6
18.75
19.9
17.2
18.5
19.7
20.9
1.0
1.0
1.0
1.0
23.2
24.4
26.0
27.6
25.8
24.0
23.1
21.7
1085
1020
965
915
1SMB18AT3, G
1SMB20AT3, G
1SMB22AT3, G
1SMB24AT3, G
LT
LV
LX
LZ
18
20
22
24
5.0
5.0
5.0
5.0
20.0
22.2
24.4
26.7
21.05
23.35
25.65
28.1
22.1
24.5
26.9
29.5
1.0
1.0
1.0
1.0
29.2
32.4
35.5
38.9
20.5
18.5
16.9
15.4
870
790
730
675
1SMB26AT3, G
1SMB28AT3, G
1SMB30AT3, G
1SMB33AT3, G
ME
MG
MK
MM
26
28
30
33
5.0
5.0
5.0
5.0
28.9
31.1
33.3
36.7
30.4
32.75
35.05
38.65
31.9
34.4
36.8
40.6
1.0
1.0
1.0
1.0
42.1
45.4
48.4
53.3
14.2
13.2
12.4
11.3
630
590
555
510
1SMB36AT3, G
1SMB40AT3, G
1SMB43AT3, G
1SMB45AT3, G
MP
MR
MT
MV
36
40
43
45
5.0
5.0
5.0
5.0
40.0
44.4
47.8
50.0
42.1
46.75
50.3
52.65
44.2
49.1
52.8
55.3
1.0
1.0
1.0
1.0
58.1
64.5
69.4
72.7
10.3
9.3
8.6
8.3
470
430
400
385
1SMB48AT3, G
1SMB51AT3, G
1SMB54AT3, G
1SMB58AT3, G
MX
MZ
NE
NG
48
51
54
58
5.0
5.0
5.0
5.0
53.3
56.7
60.0
64.4
56.1
59.7
63.15
67.8
58.9
62.7
66.3
71.2
1.0
1.0
1.0
1.0
77.4
82.4
87.1
93.6
7.7
7.3
6.9
6.4
365
345
330
310
1SMB60AT3, G
1SMB64AT3, G
1SMB70AT3, G
1SMB75AT3, G
NK
NM
NP
NR
60
64
70
75
5.0
5.0
5.0
5.0
66.7
71.1
77.8
83.3
70.2
74.85
81.9
87.7
73.7
78.6
86
92.1
1.0
1.0
1.0
1.0
96.8
103
113
121
6.2
5.8
5.3
4.9
300
280
260
245
1SMB85AT3, G
1SMB90AT3, G
1SMB100AT3, G
NV
NX
NZ
85
90
100
55.0
5.0
5.0
94.4
100
111
99.2
105.5
117
104
111
123
1.0
1.0
1.0
137
146
162
4.4
4.1
3.7
220
210
190
1SMB110AT3, G
1SMB120AT3, G
1SMB130AT3, G
1SMB150AT3, G
PE
PG
PK
PM
110
120
130
150
5.0
5.0
5.0
5.0
122
133
144
167
128.5
140
151.5
176
135
147
159
185
1.0
1.0
1.0
1.0
177
193
209
243
3.4
3.1
2.9
2.5
175
160
150
135
1SMB160AT3, G
1SMB170AT3, G
PP
PR
160
170
5.0
5.0
178
189
187.5
199
197
209
1.0
1.0
259
275
2.3
2.2
125
120
6. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
7. VBR measured at pulse test current IT at an ambient temperature of 25°C.
8. Surge current waveform per Figure 2 and derate per Figure 4 of the General Data − 600 W at the beginning of this group.
9. Bias Voltage = 0 V, F = 1 MHz, TJ = 25°C
†Please see 1SMB10CAT3 to 1SMB78CAT3 for Bidirectional devices.
* The “G” suffix indicates Pb−Free package available.


Similar Part No. - 1SMB45AT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB45AT3 MOTOROLA-1SMB45AT3 Datasheet
50Kb / 5P
   PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1SMB45AT3G ONSEMI-1SMB45AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB45AT3G ONSEMI-1SMB45AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - 1SMB45AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
   600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB11CAT3 ONSEMI-P6SMB11CAT3 Datasheet
71Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com