Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK436W-800B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK436W-800B
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK436W-800B Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK436W-800B Datasheet HTML 1Page - NXP Semiconductors BUK436W-800B Datasheet HTML 2Page - NXP Semiconductors BUK436W-800B Datasheet HTML 3Page - NXP Semiconductors BUK436W-800B Datasheet HTML 4Page - NXP Semiconductors BUK436W-800B Datasheet HTML 5Page - NXP Semiconductors BUK436W-800B Datasheet HTML 6Page - NXP Semiconductors BUK436W-800B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK436W-800A/B
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode
SYMBOL
PARAMETER
MAX.
MAX.
UNIT
field-effect power transistor in a
plastic envelope.
BUK436
-800A
-800B
The device is intended for use in
V
DS
Drain-source voltage
800
800
V
Switched Mode Power Supplies
I
D
Drain current (DC)
4
3.5
A
(SMPS), motor control, welding,
P
tot
Total power dissipation
125
125
W
DC/DC and AC/DC converters, and
R
DS(ON)
Drain-source on-state
3
4
in general purpose switching
resistance
applications.
PINNING - SOT429 (TO247)
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
800
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-
800
V
±V
GS
Gate-source voltage
-
-
30
V
-800A
-800B
I
D
Drain current (DC)
T
mb =
25 ˚C
-
4.0
3.5
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
2.5
2.2
A
I
DM
Drain current (pulse peak value)
T
mb =
25 ˚C
-
16
14
A
P
tot
Total power dissipation
T
mb =
25 ˚C
-
125
W
T
stg
Storage temperature
-
- 55
150
˚C
T
j
Junction temperature
-
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
1.0
K/W
mounting base
R
th j-a
Thermal resistance junction to
-
45
-
K/W
ambient
2
3
1
d
g
s
February 1998
1
Rev 1.000


Similar Part No. - BUK436W-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK436W-1000B PHILIPS-BUK436W-1000B Datasheet
53Kb / 7P
   PowerMOS transistor
March 1998 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK436W-200B PHILIPS-BUK436W-200B Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
More results

Similar Description - BUK436W-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com