Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0212PWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0212PWP
Description  STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0212PWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA0212PWP Datasheet HTML 5Page - Texas Instruments TPA0212PWP Datasheet HTML 6Page - Texas Instruments TPA0212PWP Datasheet HTML 7Page - Texas Instruments TPA0212PWP Datasheet HTML 8Page - Texas Instruments TPA0212PWP Datasheet HTML 9Page - Texas Instruments TPA0212PWP Datasheet HTML 10Page - Texas Instruments TPA0212PWP Datasheet HTML 11Page - Texas Instruments TPA0212PWP Datasheet HTML 12Page - Texas Instruments TPA0212PWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
0.1%
0.01%
0.01
0.1
1%
10%
1
10
f = 20 Hz
f = 1 kHz
PO − Output Power − W
RL = 8 Ω
AV = 2 V/V
BTL
f = 15 kHz
0.01%
10%
20
100
1k
10k 20k
f − Frequency − Hz
1%
0.1%
PO = 1 W
RL = 8 Ω
BTL
AV = 6 V/V
AV = 24 V/V
AV = 2 V/V
AV = 12 V/V
0.1%
0.01%
0.01
0.1
1%
10%
1
10
f = 20 Hz
f = 1 kHz
PO − Output Power − W
RL = 8 Ω
AV = 6 V/V
BTL
f = 15 kHz
0.1%
0.01%
0.01
0.1
1%
10%
1
10
f = 20 Hz
f = 1 kHz
PO − Output Power − W
RL = 8 Ω
AV = 12 V/V
BTL
f = 15 kHz
TPA0212
SLOS284B – NOVEMBER 1999 – REVISED NOVEMBER 2004
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 15.
Figure 16.
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 17.
Figure 18.
9


Similar Part No. - TPA0212PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0212PWP TI-TPA0212PWP Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results

Similar Description - TPA0212PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com