Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0213 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0213
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0213 Datasheet(HTML) 5 Page - Texas Instruments

  TPA0213 Datasheet HTML 1Page - Texas Instruments TPA0213 Datasheet HTML 2Page - Texas Instruments TPA0213 Datasheet HTML 3Page - Texas Instruments TPA0213 Datasheet HTML 4Page - Texas Instruments TPA0213 Datasheet HTML 5Page - Texas Instruments TPA0213 Datasheet HTML 6Page - Texas Instruments TPA0213 Datasheet HTML 7Page - Texas Instruments TPA0213 Datasheet HTML 8Page - Texas Instruments TPA0213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPA0213
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS276D – JANUARY 2000 – REVISED NOVEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
RL = 4 Ω, ST/MN = 0 V, SHUTDOWN = 2 V
30
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V,
BTL mode
62
dB
|I
|
High level input current
SHUTDOWN, VDD = 5.5 V,
VI = VDD
1
A
|IIH|
High-level input current
ST/MN, VDD = 5.5 V,
VI = VDD
1
µA
|I |
Low level input current
SHUTDOWN, VDD = 5.5 V,
VI = 0 V
1
A
|IIL|
Low-level input current
ST/MN, VDD = 5.5 V,
VI = 0 V
1
µA
zi
Input impedance
50
k
IDD
Supply current
SHUTDOWN = 2 V
4.2
6.3
mA
IDD(SD)
Supply current, shutdown mode
SHUTDOWN = 0 V
1
10
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
P
Output power see Note 1
THD = 0.3%,
BTL mode
2
W
PO
Output power, see Note 1
THD = 0.1%,
SE mode,
RL = 32 Ω
90
mW
THD + N
Total harmonic distortion plus
noise
PO = 1.5 W,
f = 20 Hz to 20 kHz
0.2%
BOM
Maximum output power bandwidth
Gain = 6 dB,
THD = 2%
20
kHz
Supply ripple rejection ratio
f
1 kHz
CB
0 47 F
BTL mode
52
dB
Supply ripple rejection ratio
f = 1 kHz,
CB = 0.47
µF
SE mode
62
dB
V
Noise output voltage
CB
0 47 F
f
20Hzto20kHz
BTL mode
42
V
Vn
Noise output voltage
CB = 0.47
µF,
f = 20 Hz to 20 kHz
SE mode
21
µVRMS
NOTE 1: Output power is measured at the output terminals of the device at f = 1 kHz.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
THD N
Total harmonic distortion plus noise
vs Output power
1, 3, 5, 6, 8, 10
THD+N
Total harmonic distortion plus noise
vs Frequency
2, 4, 7, 9
Vn
Output noise voltage
vs Frequency
11
Power supply rejection ratio
vs Frequency
12, 13


Similar Part No. - TPA0213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213DGQ TI-TPA0213DGQ Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Similar Description - TPA0213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com