Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5916BT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1SMA5916BT3G
Description  1.5 Watt Plastic Surface Mount Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA5916BT3G Datasheet(HTML) 4 Page - ON Semiconductor

  1SMA5916BT3G Datasheet HTML 1Page - ON Semiconductor 1SMA5916BT3G Datasheet HTML 2Page - ON Semiconductor 1SMA5916BT3G Datasheet HTML 3Page - ON Semiconductor 1SMA5916BT3G Datasheet HTML 4Page - ON Semiconductor 1SMA5916BT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1SMA5913BT3 Series
http://onsemi.com
4
Rating and Typical Characteristic Curves (TA = 25°C)
TA = 25°C
PW (ID) IS DEFINED AS THE
POINT WHERE THE PEAK CURRENT
DECAYS TO 50% OF Ipp.
≤ 10 ms
PEAK VALUE
Ippm
HALF VALUE − Ipp/2
10/1000 ms WAVEFORM
AS DEFINED BY R.E.A.
td
1000
Figure 7. Capacitance Curve
Figure 8. Typical Pulse Rating Curve
BREAKDOWN VOLTAGE (VOLTS)
Figure 9. Pulse Waveform
Figure 10. Pulse Waveform
10
100
100
10
0.01
10
0.1
1
10
1
0.1
0.01
TP, PULSE WIDTH (ms)
120
100
80
60
40
0
0
1
234
t, TIME (ms)
120
0
0.1
t, TIME (ms)
MEASURED @
ZERO BIAS
MEASURED @
VZ/2
TJ = 25°C
NONREPETITIVE, EXPONENTIAL
PULSE WAVEFORM, TJ = 25°C
20
5
100
80
60
40
20
0.04
0.06
0.08
8/20 ms WAVEFORM
AS DEFINED BY ANSI C62.1
AND IEC 801−5.
0.5 IPEAK
0.9 IPEAK
0.1 IPEAK
T
T = 8 ms
20 ms
0
0.02


Similar Part No. - 1SMA5916BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA5916BT3G ONSEMI-1SMA5916BT3G Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
More results

Similar Description - 1SMA5916BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
logo
Semtech Corporation
1N4460US SEMTECH-1N4460US Datasheet
72Kb / 3P
   Surface Mount(US) 1.5 WATT Voltage Regulators
logo
Micro Commercial Compon...
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com