Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA302D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA302D
Description  300-mW STEREO AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA302D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA302D Datasheet HTML 7Page - Texas Instruments TPA302D Datasheet HTML 8Page - Texas Instruments TPA302D Datasheet HTML 9Page - Texas Instruments TPA302D Datasheet HTML 10Page - Texas Instruments TPA302D Datasheet HTML 11Page - Texas Instruments TPA302D Datasheet HTML 12Page - Texas Instruments TPA302D Datasheet HTML 13Page - Texas Instruments TPA302D Datasheet HTML 14Page - Texas Instruments TPA302D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
1
0.1
0.010
10
0.01
0.1
1
VCC = 3.3 V
f = 1 kHz
RL = 32 Ω
AV = −1 V/V
PO − Output Power − W
VO1
VO2
1
0.1
0.010
10
0.01
0.1
1
VCC = 3.3 V
f = 20 kHz
RL = 32 Ω
AV = −1 V/V
PO − Output Power − W
VO1
VO2
3
2.5
1.5
1
2.5
3
3.5
4
3.5
4.5
5
4.5
5
5.5
4
2
TA = 25°C
VDD − Supply Voltage − V
4
3
1
0
−50
−25
0
25
5
50
75
100
6
2
TA − Free-Air Temperature − °C
Min
Min
Min
Min
Min
Min
Max
Max
Max
Typ
Typ
Typ
Typ
Typ
Typ
3.3 V
3.3 V
3.3 V
5 V
5 V
5 V
Max
Max
Max
TPA302
SLOS174C – JANUARY 1997 – REVISED JUNE 2004
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 23.
Figure 24.
SUPPLY CURRENT
SUPPLY CURRENT DISTRIBUTION
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 25.
Figure 26.
11


Similar Part No. - TPA302D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA302D TI-TPA302D Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA302D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com