Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50130 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL50130
Description  Ethernet Pseudo-Wires across a PSN
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50130 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL50130 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50130 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50130 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50130 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50130 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50130 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50130 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50130 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50130 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ZL50130
Data Sheet
7
Zarlink Semiconductor Inc.
1.0
Changes Summary
The following table captures the changes from the September 2004 issue.
2.0
Introduction
2.1
Overview
The ZL50130 provides the data-plane processing to enable layer 2 Ethernet service to be extended over a packet
switched network, such as an IP or MPLS system. The device encapsulates the Ethernet frames into IP or MPLS
packets, and forwards them into the packet network for re-construction at the far end. This has a number of
applications, including layer 2 VPNs (Virtual Private Networks).
Figure 3 - ZL50130 Operation
The ZL50130 is capable of wire speed processing and forwarding of packets, and includes support for the
“Martini-style” layer 2 pseudo-wire protocols currently in development by the IETF’s PWE3 (Pseudo-Wire
Edge-to-Edge Emulation) working group (draft-ietf-pwe3-ethernet-encap).
Page
Item
Change
10, 11
Figure 5 and Ball Signal
Assignment Table
Corrected Mx_LINKUP_LED pin assigment.
41
8.0 DC Characteristics Table and
Output Levels Table
Added Electrical Characteristics to differentiate between
3.3 V and 5 V tolerant pins.
38
Section 4.8
Added Internal Connection (IC) table.
10
Figure 5
Changed PULL_HI and PULL_LO pins to ICC_VDD_IO
and IC_GND.
Transparent data flow between customer LANs
(layer 2 VPN service)
Service provider’s
packet switched
network
Ethernet
Service
ZL50130
Ethernet
Pseudo-Wire
device
interworking
function
ZL50130
Ethernet
Pseudo-Wire
device
interworking
function
Ethernet
Service
Customer LAN
Customer LAN


Similar Part No. - ZL50130

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 112P
   128, 256, 512 and 1024 Channel CESoP Processors
ZL50110GAG ZARLINK-ZL50110GAG Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110GAG ZARLINK-ZL50110GAG Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
More results

Similar Description - ZL50130

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MS-2341 AD-MS-2341 Datasheet
154Kb / 5P
   Surging Across the Barrier
June 2012
logo
Axiomtek Co., Ltd.
ED3538 AXIOMTEK-ED3538 Datasheet
593Kb / 4P
   Hardened 10/100BASE-TX PoL/PoE Ethernet Extender over Copper Wires
logo
Wurth Elektronik GmbH &...
643462100608 WURTH-643462100608 Datasheet
385Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
001.003
logo
Cynergy3 Co
S1-0504DM CYNERGY3-S1-0504DM Datasheet
514Kb / 1P
   4kV Isolation Voltage across contacts
logo
Wurth Elektronik GmbH &...
643411100404 WURTH-643411100404 Datasheet
386Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
REVISION 001.003
643411100405 WURTH-643411100405 Datasheet
466Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
REVISION 001.003
643421100404 WURTH-643421100404 Datasheet
385Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
REVISION 001.003
643421100405 WURTH-643421100405 Datasheet
385Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
REVISION 001.003
643462100604 WURTH-643462100604 Datasheet
383Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
001.003
643462100605 WURTH-643462100605 Datasheet
384Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
001.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com