Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50211 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL50211
Description  256 Channel Voice Echo Canceller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50211 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button ZL50211 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
ZL50211
Data Sheet
8
Zarlink Semiconductor Inc.
IRQ1, IRQ2, IRQ3,
IRQ4, IRQ5, IRQ6,
IRQ7, IRQ8
User
Signals
N4,AJ26,N3,AK5,
AJ6,AG23,L30,L29
Interrupt Request (Open Drain Output). These
outputs go low when an interrupt occurs in any
channel. Each IRQ returns high when all the interrupts
have been read from the Interrupt FIFO Register of
respective EVP. A pull-up resistor (1 K typical) is
required at these outputs.
Extra Device Pins
-
W3,E15,V4,AK16,
AK15,AK14,D13,
C13,V3,A12,B13,
AK13,AH14,U3,V2,
AJ14
No connection. The ball pins must be left open for
normal operation.
JTAG SIGNAL PINS
TMS
JTAG
Signal
K2
Test Mode Select (3.3 V Input). JTAG signal that
controls the state transitions of the TAP controller. This
pin is pulled high by an internal pull-up when not
driven. This signal is connected to all processors.
TCK
JTAG
Signal
D6
Test Clock (3.3 V Input). Provides the clock to the
JTAG test logic.This signal is connected to all
processors.
TRST
JTAG
Signal
D7
Test Reset (3.3 V Input). Asynchronously initializes
the JTAG TAP controller by putting it in the Test-Logic-
Reset state. This pin should be pulsed low on power-
up or held low, to ensure that all the EVP’s are in the
normal functional mode. This pin is pulled by an
internal pull-down when not driven. This signal is
connected to all EVP’s.
TDI1,TDI2,TDI3,TDI4,
TDI5,TDI6,TDI7,TDI8
JTAG
Signals
K1,AK23,L2,AK2,
AJ3,AH20,F27,H27
Test Serial Data In (3.3 V Input). JTAG serial test
instructions and data are shifted in on these pins.
These pins are pulled high by an internal pull-up when
not driven.
TDO1,TDO2,TDO3,
TDO4,TDO5,TDO6
TDO7,TDO8
JTAG
Signals
L1,AJ22,L4,AH4,
AK3,AK24,J28,K28
Test Serial Data Out (Output). JTAG serial data is
outputted on these pins on the falling edge of TCK.
These pins are held in high impedance state when
JTAG scan is not enabled.
PLL SIGNAL PINS
PLLVDD2 = 1.8V
PLL
Power
H3,V1,H4,AE3,
AG2,AE26,D22,
C24, AE27
PLL Power Supply. Must be connected to PLLVDD2 =
1.8V.
PLLVSS1
PLLVSS2
PLL
Power
J3,W2,H2,AF4,
AF3,AF27,D24,
C25,AF26,H1,W4,
J2, AH1,AG3,AF22,
D25,E27,AF21
PLL Ground. Must be connected to VSS.
Signal Name
Signal
Type
BGA Ball #
Signal Description


Similar Part No. - ZL50211

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
ZL50211GB ZARLINK-ZL50211GB Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
More results

Similar Description - ZL50211

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
   256 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070 Datasheet
1Mb / 51P
   256 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com