Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3771 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3771
Description  High Power NPN Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3771 Datasheet(HTML) 2 Page - ON Semiconductor

  2N3771_06 Datasheet HTML 1Page - ON Semiconductor 2N3771_06 Datasheet HTML 2Page - ON Semiconductor 2N3771_06 Datasheet HTML 3Page - ON Semiconductor 2N3771_06 Datasheet HTML 4Page - ON Semiconductor 2N3771_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N3771, 2N3772
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2 and 3)
2N3771
(IC = 0.2 Adc, IB = 0)
2N3772
VCEO(sus)
40
60
Vdc
Collector−Emitter Sustaining Voltage
2N3771
(IC = 0.2 Adc, VEB(off) = 1.5 Vdc, RBE = 100 W)
2N3772
VCEX(sus)
50
80
Vdc
Collector−Emitter Sustaining Voltage
2N3771
(IC = 0.2 Adc, RBE = 100 W)
2N3772
VCER(sus)
45
70
Vdc
Collector Cutoff Current (Note 2)
(VCE = 30 Vdc, IB = 0)
2N3771
(VCE = 50 Vdc, IB = 0)
2N3772
(VCE = 25 Vdc, IB = 0)
ICEO
10
10
mAdc
Collector Cutoff Current (Note 2)
(VCE = 50 Vdc, VEB(off) = 1.5 Vdc)
2N3771
(VCE = 100 Vdc, VEB(off) = 1.5 Vdc)
2N3772
(VCE = 45 Vdc, VEB(off) = 1.5 Vdc)
2N6257
(VCE = 30 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N3771
2N3772
(VCE = 45 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
ICEV
2.0
5.0
4.0
10
10
mAdc
Collector Cutoff Current (Note 2)
(VCB = 50 Vdc, IE = 0)
2N3771
(VCB = 100 Vdc, IE = 0)
2N3772
ICBO
2.0
5.0
mAdc
Emitter Cutoff Current (Note 2)
(VBE = 5.0 Vdc, IC = 0)
2N3771
(VBE = 7.0 Vdc, IC = 0)
2N3772
IEBO
5.0
5.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain (Note 3)
(IC = 15 Adc, VCE = 4.0 Vdc)
2N3771
(IC = 10 Adc, VCE = 4.0 Vdc)
2N3772
(IC = 8.0 Adc, VCE = 4.0 Vdc)
(IC = 30 Adc, VCE = 4.0 Vdc)
2N3771
(IC = 20 Adc, VCE = 4.0 Vdc)
2N3772
hFE
15
15
5.0
5.0
60
60
Collector−Emitter Saturation Voltage
(IC = 15 Adc, IB = 1.5 Adc)
2N3771
(IC = 10 Adc, IB = 1.0 Adc)
2N3772
(IC = 30 Adc, IB = 6.0 Adc)
2N3771
(IC = 20 Adc, IB = 4.0 Adc)
2N3772
VCE(sat)
2.0
1.4
4.0
4.0
Vdc
Base−Emitter On Voltage
(IC = 15 Adc, VCE = 4.0 Vdc)
2N3771
(IC = 10 Adc, VCE = 4.0 Vdc)
2N3772
(IC = 8.0 Adc, VCE = 4.0 Vdc)
VBE(on)
2.7
2.2
Vdc
*DYNAMIC CHARACTERISTICS (Note 2)
Current−Gain — Bandwidth Product
(IC = 1.0 Adc, VCE = 4.0 Vdc, ftest = 50 kHz)
fT
0.2
MHz
Small−Signal Current Gain
(IC = 1.0 Adc, VCE = 4.0 Vdc, f = 1.0 kHz)
hfe
40
SECOND BREAKDOWN
Second Breakdown Energy with Base Forward Biased, t = 1.0 s (non−repetitive)
(VCE = 40 Vdc)
2N3771
(VCE = 60 Vdc)
2N3772
IS/b
3.75
2.5
Adc
2. Indicates JEDEC registered data.
3. Pulse Test: 300
ms, Rep. Rate 60 cps.


Similar Part No. - 2N3771_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
More results

Similar Description - 2N3771_06

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3771 BOCA-2N3771 Datasheet
138Kb / 3P
   HIGH POWER NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N3772G ONSEMI-2N3772G Datasheet
80Kb / 5P
   High Power NPN Silicon Power Transistors
October, 2006 ??Rev. 11
logo
Mospec Semiconductor
2SD424 MOSPEC-2SD424 Datasheet
43Kb / 2P
   HIGH-POWER NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
   NPN High Power Silicon Transistors
logo
STMicroelectronics
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
   HIGH POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
   High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com