Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N3773G
Description  Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3773G Datasheet(HTML) 1 Page - ON Semiconductor

  2N3773G Datasheet HTML 1Page - ON Semiconductor 2N3773G Datasheet HTML 2Page - ON Semiconductor 2N3773G Datasheet HTML 3Page - ON Semiconductor 2N3773G Datasheet HTML 4Page - ON Semiconductor 2N3773G Datasheet HTML 5Page - ON Semiconductor 2N3773G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 10
1
Publication Order Number:
2N3773/D
NPN 2N3773*, PNP 2N6609
Preferred Device
Complementary Silicon
Power Transistors
The 2N3773 and 2N6609 are PowerBase
t power transistors
designed for high power audio, disk head positioners and other linear
applications. These devices can also be used in power switching
circuits such as relay or solenoid drivers, DC−DC converters or
inverters.
Features
Pb−Free Packages are Available**
High Safe Operating Area (100% Tested) 150 W @ 100 V
Completely Characterized for Linear Operation
High DC Current Gain and Low Saturation Voltage
hFE = 15 (Min) @ 8.0 A, 4.0 V
VCE(sat) = 1.4 V (Max) @ IC = 8.0 A, IB = 0.8 A
For Low Distortion Complementary Designs
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
140
Vdc
Collector − Emitter Voltage
VCEX
160
Vdc
Collector − Base Voltage
VCBO
160
Vdc
Emitter − Base Voltage
VEBO
7
Vdc
Collector Current
− Continuous
− Peak (Note 2)
IC
16
30
Adc
Base Current
− Continuous
− Peak (Note 2)
IB
4
15
Adc
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
150
0.855
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to +200
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. Indicates JEDEC Registered Data.
2. Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
1.17
°C/W
**For additional information on our Pb−Free strategy and soldering details,
please download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−204
CASE 1−07
*Preferred devices are recommended choices for future
use and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
MARKING
DIAGRAM
16 A COMPLEMENTARY
POWER TRANSISTORS
140 V, 150 W
2Nxxxx
MEX
AYYWW
xxxx
= 3773 or 6609
A
= Assembly Location
YY
= Year
WW
= Work Week


Similar Part No. - 2N3773G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3773G ONSEMI-2N3773G Datasheet
97Kb / 6P
   Complementary Silicon Power Transistors
July, 2004 ??Rev. 10
logo
Unisonic Technologies
2N3773G-T30-Y UTC-2N3773G-T30-Y Datasheet
154Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
2N3773G-T30-Y UTC-2N3773G-T30-Y Datasheet
186Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - 2N3773G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com