Selected language     English  â–¼


2N4123_07 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. 2N4123_07
Description  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
2N4123, 2N4124
http://onsemi.com
3
Figure 1. Capacitance
REVERSE BIAS VOLTAGE (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
Figure 2. Switching Times
IC, COLLECTOR CURRENT (mA)
200
1.0
100
50
30
20
70
10.0
5.0
7.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
200
1.0
2.0 3.0 5.0 7.0 10
20 30 40
0.2 0.3 0.5 0.7
Cibo
Cobo
ts
td
tr
tf
VCC = 3 V
IC/IB = 10
VEB(off) = 0.5 V
Figure 3. Frequency Variations
f, FREQUENCY (kHz)
4
6
8
10
12
2
0.1
Figure 4. Source Resistance
RS, SOURCE RESISTANCE (kW)
0
12
4
10
20
40
0.2
0.4
0
100
4
6
8
10
12
2
14
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
f = 1 kHz
IC = 1 mA
IC = 0.5 mA
IC = 50 mA
IC = 100 mA
SOURCE RESISTANCE = 200 W
IC = 1 mA
SOURCE RESISTANCE = 200 W
IC = 0.5 mA
SOURCE RESISTANCE = 500 W
IC = 100 mA
SOURCE RESISTANCE = 1 kW
IC = 50 mA
AUDIO SMALL−SIGNAL CHARACTERISTICS
NOISE FIGURE
(VCE = 5 Vdc, TA = 25°C)
Bandwidth = 1.0 Hz




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreON Semiconductor
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BC171NPN SILICON PLANAR TRANSISTORS 1 2 3 4 Continental Device India Limited
SC2412KLT1General Purpose Transistors 1 2 3 List of Unclassifed Manufacturers
DTC114EM3T5GDigital Transistors BRT NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
XN05501Silicon NPN epitaxial planar type For general amplification 1 2 3 Panasonic Semiconductor
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl