Selected language     English  ▼


2N4401_07 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. 2N4401_07
Description  General Purpose Transistors NPN Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 5 page
background image
2N4401
http://onsemi.com
5
h PARAMETERS
VCE = 10 Vdc, f = 1.0 kHz, TA = 25°C
This group of graphs illustrates the relationship between
hfe and other “h” parameters for this series of transistors. To
obtain these curves, a high−gain and a low−gain unit were
selected from the 2N4401 lines, and the same units were
used to develop the correspondingly numbered curves on
each graph.
Figure 11. Current Gain
IC, COLLECTOR CURRENT (mA)
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
100
200
20
70
50
300
Figure 12. Input Impedance
IC, COLLECTOR CURRENT (mA)
50k
500
30
5.0 7.0
20k
10k
5.0k
2.0k
1.0k
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
5.0 7.0
Figure 13. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
0.1
0.2
0.5 0.7 1.0
2.0
3.0
10
0.3
0.2
10
Figure 14. Output Admittance
IC, COLLECTOR CURRENT (mA)
100
1.0
5.0 7.0
50
20
10
5.0
2.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
2N4401 UNIT 1
2N4401 UNIT 2
2N4401 UNIT 1
2N4401 UNIT 2
2N4401 UNIT 1
2N4401 UNIT 2
2N4401 UNIT 1
2N4401 UNIT 2
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
5.0 7.0




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreON Semiconductor
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BC171NPN SILICON PLANAR TRANSISTORS 1 2 3 4 Continental Device India Limited
SC2412KLT1General Purpose Transistors 1 2 3 List of Unclassifed Manufacturers
DTC114EM3T5GDigital Transistors BRT NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
XN05501Silicon NPN epitaxial planar type For general amplification 1 2 3 Panasonic Semiconductor
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
EMD4DXV6T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl