Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK444 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK444
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK444 Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK444 Datasheet HTML 1Page - NXP Semiconductors BUK444 Datasheet HTML 2Page - NXP Semiconductors BUK444 Datasheet HTML 3Page - NXP Semiconductors BUK444 Datasheet HTML 4Page - NXP Semiconductors BUK444 Datasheet HTML 5Page - NXP Semiconductors BUK444 Datasheet HTML 6Page - NXP Semiconductors BUK444 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK444-200A/B
AVALANCHE LIMITING VALUE
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 9 A ; VDD ≤ 100 V ;
-
-
50
mJ
unclamped inductive turn-off
V
GS = 10 V ; RGS = 50 Ω
energy
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Ths)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Ths); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
hs = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
1
10
100
1000
10000
VDS / V
100
10
1
0.1
BUK444-200A,B
ID / A
tp = 10 us
100 us
1 ms
10 ms
100 ms
DC
A
B
RDS(ON)
=
VDS/ID
0
20
40
60
80
100
120
140
Ths / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
1E-07
1E-05
1E-03
1E-01
1E+01
t / s
Zth / (K/W)
10
1
0.1
0.01
0
0.5
0.2
0.1
0.05
0.02
D =
BUKx44-lv
D =
tp
tp
T
T
P
t
D
April 1993
3
Rev 1.100


Similar Part No. - BUK444

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK444-200 PHILIPS-BUK444-200 Datasheet
59Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-200A PHILIPS-BUK444-200A Datasheet
59Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-200B PHILIPS-BUK444-200B Datasheet
59Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
logo
Inchange Semiconductor ...
BUK444-220A ISC-BUK444-220A Datasheet
67Kb / 2P
   SOA is Power Dissipation Limited
BUK444-400B ISC-BUK444-400B Datasheet
290Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUK444

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com