Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST89E52RC-33-C-NJE Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST89E52RC-33-C-NJE
Description  FlashFlex MCU
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E52RC-33-C-NJE Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST89E52RC-33-C-NJE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89E52RC-33-C-NJE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89E52RC-33-C-NJE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E52RC-33-C-NJE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E52RC-33-C-NJE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89E52RC-33-C-NJE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89E52RC-33-C-NJE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89E52RC-33-C-NJE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89E52RC-33-C-NJE Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Data Sheet
FlashFlex MCU
SST89E52RC / SST89E54RC
9
©2007 Silicon Storage Technology, Inc.
S71259-04-000
1/07
3.0 MEMORY ORGANIZATION
The device has separate address spaces for program and
data memory.
3.1 Program Flash Memory
There are two internal flash memory partitions in the
device. The primary flash memory partition (Partition 0) has
16/8 KByte. The secondary flash memory partition (Parti-
tion 1) has 1 KByte. The total flash memory space of both
partitions can be used as a contiguous code storage.
The 16K/8K x8 primary flash partition is organized as 128/
64 sectors, each sector consists of 128 Bytes. The primary
partition is divided into four logical pages as shown in Fig-
ure 3-2
The 1K x8 secondary flash partition is organized as 8 sec-
tors, each sector consists also of 128 Bytes.
For both partitions, the 7 least significant program address
bits select the byte within the sector. The remainder of the
program address bits select the sector within the partition.
3.2 Data RAM Memory
The data RAM has 512 Bytes of internal memory. The first
256 Bytes are available by default. The second 256 Bytes
are enabled by clearing the EXTRAM bit in the AUXR reg-
ister. The RAM can be addressed up to 64 KByte for exter-
nal data memory.
3.3 Expanded Data RAM Addressing
The SST89E5xRC have the capability of 512 Bytes of
RAM. See Figure 3-1.
The device has four sections of internal data memory:
1. The lower 128 Bytes of RAM (00H to 7FH) are
directly and indirectly addressable.
2. The higher 128 Bytes of RAM (80H to FFH) are
indirectly addressable.
3. The special function registers (80H to FFH) are
directly addressable only.
4. The expanded RAM of 256 Bytes (00H to FFH) is
indirectly addressable by the move external
instruction (MOVX) and clearing the EXTRAM bit.
(See “Auxiliary Register (AUXR)” in Section 3.5,
“Special Function Registers”)
Since the upper 128 bytes occupy the same addresses as
the SFRs, the RAM must be accessed indirectly. The RAM
and SFRs space are physically separate even though they
have the same addresses.
When instructions access addresses in the upper 128
bytes (above 7FH), the MCU determines whether to
access the SFRs or RAM by the type of instruction given. If
it is indirect, then RAM is accessed. If it is direct, then an
SFR is accessed. See the examples below.
Indirect Access:
MOV
@R0, #data
; R0 contains 90H
Register R0 points to 90H which is located in the upper
address range. Data in “#data” is written to RAM location
90H rather than port 1.
Direct Access:
MOV
90H, #data
; write data to P1
Data in “#data” is written to port 1. Instructions that write
directly to the address write to the SFRs.
To access the expanded RAM, the EXTRAM bit must be
cleared and MOVX instructions must be used. The extra
256 Bytes of memory is physically located on the chip and
logically occupies the first 256 bytes of external memory
(addresses 000H to FFH).
When EXTRAM = 0, the expanded RAM is indirectly
addressed using the MOVX instruction in combination
with any of the registers R0, R1 of the selected bank or
DPTR. Accessing the expanded RAM does not affect
ports P0, P3.6 (WR#), P3.7 (RD#), or P2. With
EXTRAM = 0, the expanded RAM can be accessed as
in the following example.
Expanded RAM Access (Indirect Addressing only):
MOVX
@DPTR, A
; DPTR contains 0A0H
DPTR points to 0A0H and data in “A” is written to address
0A0H of the expanded RAM rather than external memory.
Access to external memory higher than FFH using the
MOVX instruction will access external memory (0100H to
FFFFH) and will perform in the same way as the standard
8051, with P0 and P2 as data/address bus, and P3.6 and
P3.7 as write and read timing signals.
When EXTRAM = 1, MOVX @Ri and MOVX @DPTR will
be similar to the standard 8051. Using MOVX @Ri pro-
vides an 8-bit address with multiplexed data on Port 0.
Other output port pins can be used to output higher order
address bits. This provides external paging capabilities.
Using MOVX @DPTR generates a 16-bit address. This
allows external addressing up the 64K. Port 2 provides the
high-order eight address bits (DPH), and Port 0 multiplexes
the low order eight address bits (DPL) with data. Both
MOVX @Ri and MOVX @DPTR generates the necessary


Similar Part No. - SST89E52RC-33-C-NJE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E52RD-40-C-PI SST-SST89E52RD-40-C-PI Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD-40-C-PIE SST-SST89E52RD-40-C-PIE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD-40-I-PI SST-SST89E52RD-40-I-PI Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD-40-I-PIE SST-SST89E52RD-40-I-PIE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
More results

Similar Description - SST89E52RC-33-C-NJE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E516RD2 SST-SST89E516RD2_07 Datasheet
831Kb / 81P
   FlashFlex MCU
SST89E564RD SST-SST89E564RD_07 Datasheet
962Kb / 90P
   FlashFlex MCU
logo
Microchip Technology
SST89E516RD2 MICROCHIP-SST89E516RD2_13 Datasheet
762Kb / 94P
   FlashFlex MCU
02/13
logo
Silicon Storage Technol...
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
   FlashFlex MCU
SST89E54RD SST-SST89E54RD Datasheet
934Kb / 81P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
   FlashFlex MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com