Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6101A2DGKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA6101A2DGKRG4
Description  50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6101A2DGKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPA6101A2DGKRG4 Datasheet HTML 1Page - Texas Instruments TPA6101A2DGKRG4 Datasheet HTML 2Page - Texas Instruments TPA6101A2DGKRG4 Datasheet HTML 3Page - Texas Instruments TPA6101A2DGKRG4 Datasheet HTML 4Page - Texas Instruments TPA6101A2DGKRG4 Datasheet HTML 5Page - Texas Instruments TPA6101A2DGKRG4 Datasheet HTML 6Page - Texas Instruments TPA6101A2DGKRG4 Datasheet HTML 7Page - Texas Instruments TPA6101A2DGKRG4 Datasheet HTML 8Page - Texas Instruments TPA6101A2DGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TPA6101A2
50mW ULTRALOW VOLTAGE, FIXEDGAIN STEREO HEADPHONE
AUDIO POWER AMPLIFIER
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
0.001
10
0.01
0.1
1
20
20 k
100
1 k
10 k
f − Frequency − Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 1.6 V
PO = 9.5 mW
CB = 1 µF
RL = 16 Ω
Figure 2
0.001
10
0.01
0.1
1
140
510
VDD = 1.6 V
CB = 1 µF
RL = 16 Ω
f = 1 kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO − Output Power − mW
0.001
0.01
0.1
1
Figure 3
10
20
20 k
100
1 k
10 k
f − Frequency − Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 1.6 V
PO = 6.5 mW
CB = 1 µF
RL = 32 Ω
0.001
0.01
0.1
1
Figure 4
10
VDD = 1.6 V
CB = 1 µF
RL = 32 Ω
f = 1 kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO − Output Power − mW
140
510


Similar Part No. - TPA6101A2DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
More results

Similar Description - TPA6101A2DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com