Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6204A1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA6204A1
Description  1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6204A1_07 Datasheet HTML 6Page - Texas Instruments TPA6204A1_07 Datasheet HTML 7Page - Texas Instruments TPA6204A1_07 Datasheet HTML 8Page - Texas Instruments TPA6204A1_07 Datasheet HTML 9Page - Texas Instruments TPA6204A1_07 Datasheet HTML 10Page - Texas Instruments TPA6204A1_07 Datasheet HTML 11Page - Texas Instruments TPA6204A1_07 Datasheet HTML 12Page - Texas Instruments TPA6204A1_07 Datasheet HTML 13Page - Texas Instruments TPA6204A1_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TPA6204A1
SLOS429 − MAY 2004
www.ti.com
10
SELECTING COMPONENTS
Resistors (RI)
The input resistor (RI) can be selected to set the gain of the
amplifier according to equation 1.
Gain = RF/RI
The internal feedback resistors (RF) are trimmed to 40 kΩ.
Resistor matching is very important in fully differential
amplifiers. The balance of the output on the reference
voltage depends on matched ratios of the resistors.
CMRR, PSRR, and the cancellation of the second
harmonic distortion diminishes if resistor mismatch
occurs. Therefore, it is recommended to use 1% tolerance
resistors or better to keep the performance optimized.
USING LOW-ESR CAPACITORS
Low-ESR capacitors are recommended throughout this
applications section. A real (as opposed to ideal) capacitor
can be modeled simply as a resistor in series with an ideal
capacitor. The voltage drop across this resistor minimizes
the beneficial effects of the capacitor in the circuit. The
lower the equivalent value of this resistance the more the
real capacitor behaves like an ideal capacitor.
Bypass Capacitor (CBYPASS) and Start-Up Time
The internal voltage divider at the BYPASS pin of this
device sets a mid-supply voltage for internal references
and sets the output common mode voltage to VDD/2.
Adding a capacitor to this pin filters any noise into this pin
and increases kSVR. C(BYPASS) also determines the rise
time of VO+ and VO− when the device is taken out of
shutdown. The larger the capacitor, the slower the rise
time. NO TAGNO TAGNO TAGNO TAGNO TAG show
the relationship of C(BYPASS) to start-up time.
Input Capacitor (CI)
The TPA6204A1 does not require input coupling
capacitors if using a differential input source that is biased
from 0.5 V to VDD − 0.8 V. Use 1% tolerance or better
gain-setting resistors if not using input coupling capacitors.
In the single-ended input application an input capacitor, CI,
is required to allow the amplifier to bias the input signal to
the proper dc level. In this case, CI and RI form a high-pass
filter with the corner frequency determined in equation 2.
fc +
1
2
pR
I
C
I
−3 dB
fc
The value of CI is important to consider as it directly affects
the bass (low frequency) performance of the circuit.
Consider the example where RI is 10 kΩ and the
specification calls for a flat bass response down to 100 Hz.
Equation 2 is reconfigured as equation 3.
C
I +
1
2
pR
I
fc
In this example, CI is 0.16 µF, so one would likely choose
a value in the range of 0.22
µF to 0.47 µF. Ceramic
capacitors should be used when possible, as they are the
best choice in preventing leakage current. When polarized
capacitors are used, the positive side of the capacitor
should face the amplifier input in most applications, as the
dc level there is held at VDD/2, which is likely higher than
the source dc level. It is important to confirm the capacitor
polarity in the application.
Decoupling Capacitor (CS)
The TPA6204A1 is a high-performance CMOS audio
amplifier that requires adequate power supply decoupling
to ensure the output total harmonic distortion (THD) is as
low as possible. Power supply decoupling also prevents
oscillations for long lead lengths between the amplifier and
the speaker. For higher frequency transients, spikes, or
digital hash on the line, a good low equivalent-series-
resistance (ESR) ceramic capacitor, typically 0.1
µF to
1
µF, placed as close as possible to the device VDD lead
works best. For filtering lower frequency noise signals, a
10-
µF or greater capacitor placed near the audio power
amplifier also helps, but is not required in most
applications because of the high PSRR of this device.
(1)
(2)
(3)


Similar Part No. - TPA6204A1_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1DGN TI-TPA6204A1DGN Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRB TI-TPA6204A1DRB Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRB TI1-TPA6204A1DRB Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6204A1DRBG4 TI1-TPA6204A1DRBG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6204A1DRBR TI1-TPA6204A1DRBR Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6204A1_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com