Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60006 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # ZL60006
Description  1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60006 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL60006 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60006 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60006 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60006 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60006 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60006 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60006 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZL60006
Data Sheet
4
Zarlink Semiconductor Inc.
Figure 4 - Typical Responsivity vs Radial Displacement for a Singlemode Fiber
Figure 5 - Responsivity vs Wavelength of Coupled Input Power
Typical Responsivity vs Radial Displacement for a Singelmode Fiber
0
10
20
30
40
50
60
70
80
90
100
05
1015
20
25303540
r-Radial Displacement of Fiber (um) at Z=opt
Responsivityvs Wavelength
0
10
20
30
40
50
60
70
80
90
100
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
Wavelngth [nm]


Similar Part No. - ZL60006

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60001 ZARLINK-ZL60001 Datasheet
418Kb / 5P
   High speed 2.5 Gbps 850 nm VCSEL
ZL60001TBD ZARLINK-ZL60001TBD Datasheet
418Kb / 5P
   High speed 2.5 Gbps 850 nm VCSEL
ZL60003 ZARLINK-ZL60003 Datasheet
376Kb / 4P
   RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps
ZL60003TBD ZARLINK-ZL60003TBD Datasheet
376Kb / 4P
   RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps
ZL60005 ZARLINK-ZL60005 Datasheet
250Kb / 5P
   VCSEL Laser Diode
More results

Similar Description - ZL60006

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
MF443 ZARLINK-MF443 Datasheet
340Kb / 7P
   1310 nm, 1550 nm, 155 Mbps PIN with Preamplifier
ZL60012 ZARLINK-ZL60012 Datasheet
166Kb / 6P
   1310 nm, 1550 nm 270 Mbps PIN Preamplifier for SDI Digital Television
ZL60015 ZARLINK-ZL60015 Datasheet
299Kb / 7P
   Optical Receiver. 1310/1550 nm, 2.5 Gbps PIN Pre-amp with Photocurrent Monitor
logo
Optoway Technology Inc
SPB-9720G OPTOWAY-SPB-9720G_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9640G OPTOWAY-SPB-9640G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9620G OPTOWAY-SPB-9620G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9740G OPTOWAY-SPB-9740G Datasheet
171Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9605G OPTOWAY-SPB-9605G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9605G OPTOWAY-SPB-9605G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com